Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7760 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7760
Description  8-BIT, 1 GSPS, FLASH A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7760 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7760 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPT7760
8-BIT, 1 GSPS, FLASH A/D CONVERTER
OCTOBER 2002
FEATURES
• 1:2 Demuxed ECL compatible outputs
• Wide input bandwidth – 900 MHz
•Low input capacitance – 15 pF
• Metastable errors reduced to 1 LSB
• Monolithic for low cost
•Gray code output
APPLICATIONS
• Digital oscilloscopes
•Transient capture
• Radar, EW, ECM
• Direct RF down-conversion
GENERAL DESCRIPTION
The SPT7760 is a full parallel (flash) analog-to-digital con-
verter capable of digitizing full scale (0 to –2 V) inputs into
eight-bit digital words at an update rate of 1 GSPS. The
ECL-compatible outputs are demultiplexed into two sepa-
rate output banks, each with differential data ready outputs
to ease the task of data capture.The SPT7760’s wide input
bandwidth and low capacitance eliminate the need for ex-
ternal track-and-hold amplifiers for most applications. A
proprietary decoding scheme reduces metastable errors
to the 1 LSB level. The SPT7760 operates from a single
–5.2 V supply, with a nominal power dissipation of 5.5 W.
The SPT7760 is available in an 80-lead surface-mount
MQuad package over the industrial temperature range
(–25 °C to +85 °C).
256
255
152
151
128
127
64
63
2
1
CLOCK
BUFFER
D0
(LSB)
D1
D2
D3
D4
D5
D6
D7
(MSB)
D8
(OVR)
VRT
Analog
Input
Preamp
Comparator
VRM
VRB
CLK CLK
D8B
D7B
D6B
D5B
D4B
D3B
D2B
D1B
D0B
D8A
D7A
D6A
D5A
D4A
D3A
D2A
D1A
D0A
D8B (OVR)
D7B (MSB)
D6B
D5B
D4B
D3B
D2B
D1B
D0B (LSB)
D8A (OVR)
D7A (MSB)
D6A
D5A
D4A
D3A
D2A
D1A
D0A (LSB)
DRA (DATA READY)
DRA (DATA READY)
DEMUX
CLOCK
BUFFER
DRB (DATA READY)
DRB (DATA READY)
BLOCK DIAGRAM


Similar Part No. - SPT7760

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
8-BIT, 1 GSPS FLASH A/D CONVERTER
SPT7760AIK ETC-SPT7760AIK Datasheet
98Kb / 8P
8-BIT, 1 GSPS FLASH A/D CONVERTER
SPT7760BIK ETC-SPT7760BIK Datasheet
98Kb / 8P
8-BIT, 1 GSPS FLASH A/D CONVERTER
More results

Similar Description - SPT7760

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
8-bit, Flash A/D Converter
logo
Fairchild Semiconductor
SPT7610 FAIRCHILD-SPT7610 Datasheet
97Kb / 10P
6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
8-bit, 1 GSPS, Flash A/D Converter
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
National Semiconductor ...
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com