Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7760 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7760
Description  8-BIT, 1 GSPS, FLASH A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7760 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7760 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7760 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
October 2002
SPT7760
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Note: 1. Operation at any Absolute Maximum Rating is not implied. See
Electrical Specifications for proper nominal applied conditions
in typical applications.
ELECTRICAL SPECIFICATIONS
TJ = TC = TA = +25 °C , VEE=–5.2 V, VRB=–2.0 V, VRM=–1.0 V, VRT=0.00 V, ƒCLK=1 GHz, Duty Cycle=50%, unless otherwise specified.
TEST
TEST
SPT7760A
SPT7760B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Resolution
88
Bits
DC Accuracy
Integral Linearity Error (ILE)
ƒCLK = 100 kHz
I
–1.0
+1.0
–1.5
+1.5
LSB
Differential Linearity Error
(DLE)
ƒCLK = 100 kHz
I
–0.85
+0.95
–0.95
+1.5
LSB
No Missing Codes
Guaranteed
Guaranteed
Analog Input
Input Voltage Range
I
VRB
VRT
VRB
VRT
V
Input Bias Current
VIN=0 V
I
.75
2.0
.75
2.0
mA
Input Resistance
V
15
15
kΩ
Input Capacitance
Over Full Input Range
V
15
15
pF
Input Bandwidth
Small Signal
V
900
900
MHz
Large Signal
V
500
500
MHz
Offset Error VRT
IV
–30
+30
–30
+30
mV
Offset Error VRB
IV
–30
+30
–30
+30
mV
Input Slew Rate
V5
5
V/ns
Clock Synchronous
Input Currents
V
2
2
µA
Reference Input
Ladder Resistance
I
60
80
60
80
Reference Bandwidth
V
30
30
MHz
Timing Characteristics
Maximum Sample Rate
I
1
1
GHz
Aperture Jitter
V
2
2
ps
Acquisition Time
V
250
250
ps
Clock to Data Delay
IV
0.9
1.4
1.9
0.9
1.4
1.9
ns
CLK to Data Ready Delay
IV
1.25
1.75
2.25
1.25
1.75
2.25
ns
Dynamic Performance
Signal-To-Noise Ratio
(without Harmonics)
ƒIN = 50 MHz
I
45
43
dB
ƒIN = 250 MHz
I
43
41
dB
Total Harmonic Distortion
ƒIN = 50 MHz
I
–44
–42
dBc
ƒIN = 250 MHz
I
–36
–34
dBc
Signal-to-Noise and Distortion
ƒIN = 50 MHz
I
42
40
dB
ƒIN = 250 MHz
I
35
33
dB
Supply Voltages
Negative Supply Voltage (VEE TO GND) –7.0 to +0.5 V
Ground Voltage Differential .................... –0.5 to +0.5 V
Input Voltage
Analog Input Voltage ............................... +0.5 V to VEE
Reference Input Voltage .......................... +0.5 V to VEE
Digital Input Voltage ................................ +0.5 V to VEE
Reference Current VRT to VRB ........................... 35 mA
Output
Digital Output Current ............................... 0 to –28 mA
Temperature
Operating Temperature, ambient ............ –25 to +85 °C
case .......................... +125 °C
junction ...................... +150 °C
Lead Temperature, (soldering 10 seconds) ...... +300 °C
Storage Temperature ............................ –65 to +150 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com