Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT8100 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT8100
Description  16-BIT, 5 MSPS CMOS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT8100 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button SPT8100 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT8100 Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
1/9/02
SPT8100
Figure 5 – Timing Diagram 2
CLK
Digital
Outputs
OE
tD1
tD2
tD3
Table II – Timing Parameters
Parameter
Symbol
Min
Typ Max
Units
CLK high to Data Valid
tD1
18
24
401
ns
OE inactive to HiZ
tD2
10
16
30
ns
OE active to Data Valid
tD3
10
16
30
ns
1
Conditions: load capacitance = 20 pF, VOH = 3.3 V
FFT Plot
Typical Differential Linearity Error (DLE)
Test Conditions:
ƒIN = 2 MHz
ƒCLK = 4.4 MHz
PGA Gain = 18 dB
REXT = 1.08 kΩ
ADC Input (Post PGA) = –5.4 dBFS
TA = +25 °C
Test Conditions:
ƒIN = 75 kHz
ƒCLK = 4.4 MHz
PGA Gain = 0 dB
Near Full-Scale Input
Two-Tone Intermodulation FFT
Spurious-Free Dynamic Range
100
95
90
85
80
75
70
65
60
55
50
45
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
5 VP-P
0.9 MHz, low
0.9 MHz, high
0.9 MHz, med
2 MHz, high
2 MHz, med
2 MHz, low
3 MHz, high
3 MHz, med
3 MHz, low
Composite Level at ADC Input (dBFS)
Test Conditions:
ƒ1 = 890 kHz
ƒ2 = 900 kHz
ƒCLK = 4.4 MHz
PGA Gain = 6 dB
REXT = 1.43 kΩ
ADC Input (Post PGA) = –8.0 dBFS
TA = +25 °C
Test Conditions:
10 MSPS, 5 V, 25 °C
Low: REXT=1.43 kΩ @96 mA
Med: REXT=1.24 kΩ @109 mA
High: REXT=1 kΩ @129 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com