Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC22051AKHC Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # TMC22051AKHC
Description  Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22051AKHC Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button TMC22051AKHC Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC22051AKHC Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC22051AKHC Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC22051AKHC Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC22051AKHC Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC22051AKHC Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC22051AKHC Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC22051AKHC Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC22051AKHC Datasheet HTML 12Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
TMC22x5yA
PRODUCT SPECIFICATION
8
REV. 1.0.0 2/4/03
Control Register Map
The TMC22x5yA is initialized and controlled by a set of
registers which determine the operating modes.
An external controller is employed to write and read the
Control Registers through either the 8-bit parallel or 2-line
serial interface port. The parallel port, D7-0, is governed by
pins CS, R/W, and A1-0. The serial port is controlled by SDA
and SCL.
Reg
Bit
Name
Function
Global Control
00
7
SRST
Software reset
00
6
HRST
Hardware reset
00
5-3
SET
SET pin function
00
2
DHVEN
Output H&V sync enable
00
1-0
STD
Selects video standard
Input Processor Control
01
7
reserved, set to zero
01
6
IPMUX
Input mux control
01
5
IP8B
8 bit input format
01
4
TDEN
TRS detect enable
01
3
TBLK
TRS blank enable
01
2
IPCMSB
Chroma input msb invert
01
1
ABMUX
AB mux control
01
0
CKSEL
Input clock rate select
Burst Loop Control
02
7
BLLRST
BLL auto. reset enable
02
6
VIPEN
Video Input Processor
enable
02
5-4
LOCK
Global lock mode
02
3
BLM
BLL lock mode
02
2
KILD
Color kill disable
02
1
DMODBY
Demod bypass
02
0
CINT
CBCR interpolation enable
Chroma Processor Control
03
7-5
BLFS
Burst loop filter select
03
4
CCEN
Chroma coring enable
03
3-2
CCOR
Chroma coring threshold
03
1
GAUBY
Gaussian filter bypass
03
0
GAUSEL
Gaussian filter select
Burst Threshold
04
7-0
BTH
Burst threshold
Pedestal
05
7-0
PED
Pedestal level
Luma Processor Control
06
7-6
reserved, set to zero
06
5
ANEN
Adaptive notch enable
06
4
ANR
Adaptive notch rounding
06
3-2
ANT
Adaptive notch threshold
06
1
ANSEL
Adaptive notch select
06
0
NOTCH
Notch enable
Comb Processor Control
07
7
LS1BY
Line store 1 bypass
07
6
LS1IN
Line store 1 input
07
5
LS2DLY
Line store 2 delay
07
4
SPLIT
Line store 2 data width
07
3
BSFBY
Bandsplit filter bypass
07
2
BSFSEL
Bandsplit filter select
07
1
BSFMSB
Inverts msb of bandsplit
filter
07
0
GRSDLY
Delays input to GRS
decode by 1H
Mid-Sync Level
08
7-0
MIDS
Mid-sync level
Extended DRS
09
7-4
PCKF
Clock rate
09
3-0
VSTD
Video standard
Output Control
0A
7
OP8B
Output rounded to 8 bits
0A
6-5
OPLMT
Output limit select
0A
4-3
MSEN
Mixed sync enable
0A
2
OPCMSB
Chroma output msb invert
0A
1
YBAL
Luma color correction
0A
0
BUREN
Output burst enable
0B
7
FMT422
Enables CBCR output mux
0B
6
CDEC
CBCR decimation enable
0B
5
YUVT
Enables D1 output
0B
4-2
reserved, set to zero
0B
1
DRSEN
DRS output enable
0B
0
DRSCK
DRS data rate
Comb Filter Control
0C
7-6
ADAPT
Adaption mode
0C
5
YCES
YC input error signal
control
0C
4
YCSEL
luma/chroma comb filter
select
0C
3-0
COMB
Comb filter architecture
Reg
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com