Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC1175A Datasheet(PDF) 15 Page - Cadeka Microcircuits LLC.

Part # TMC1175A
Description  Video A/D Converter 8 bit, 40 Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1175A Datasheet(HTML) 15 Page - Cadeka Microcircuits LLC.

Back Button TMC1175A Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 17Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 18Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
PRODUCT SPECIFICATION
TMC1175A
REV. 1.3.3 2/28/02
15
Mechanical Dimensions
24 Lead SOIC (5.4 mm) Package
0.51
0.31
0.30
15.50
5.60
8.10
0.10
24
1.27 BSC
1.90
-
24
.050 BSC
.020
.004
.012
.012
.610
.220
.319
N
ccc
e
C
E
D
E1
A1
B
.014
.004
.006
.587
.205
.295
-
A
.067
.075
0.36
0.10
1.70
0.15
14.90
5.20
7.50
LEAD COPLANARITY
ccc
-C-
C
1
12
13
E
α
E1
h x 45
°
C
L
D
A
B
e
A1
24
SEATING PLANE
8
α°
0
8
0
0.50
1.27
h
L
.010
.016
.020
.050
0.25
0.41
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com