Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC1175A Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # TMC1175A
Description  Video A/D Converter 8 bit, 40 Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1175A Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  TMC1175A Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PRODUCT SPECIFICATION
TMC1175A
REV. 1.3.3 2/28/02
3
Table 1. Output Coding
Note:
1. LSB = (RT – RB) / 255
Digital Inputs and Outputs
Sampling of the applied input signal takes place on the fall-
ing edge of the CONV signal (Figure 2). The output word is
delayed by 2 1/2 CONV cycles. It is then available after the
rising edge of CONV. The previous data on the output
Input Voltage
Output
RT + 1 LSB
FF
RT
FF
RT – 1 LSB
FE
• • •
• • •
RB + 128 LSB
80
RB + 127 LSB
7F
• • •
• • •
RB + 1 LSB
01
RB
00
RB – 1 LSB
00
remain valid for tHO (Output Hold Time), satisfying any
hold time requirement of the receiving circuit. The new data
become valid tDO (Output Delay Time) after this rising edge
of CONV.
The outputs of the TMC1175A are CMOS- and TTL-com-
patible, and are capable of driving four low-power Schottky
TTL (54/74LS) loads. An Output Enable control, OE, places
the outputs in a high-impedance state when HIGH. The out-
puts are enabled when OE is LOW.
Power and Ground
To minimize noise injection into the analog section, VDDA
may be connected to a separate regulated +5 volt supply.
VDDD may be connected to a digital supply. Power up
sequence is immaterial. Latch-up will not occur.
AGND and DGND pins should be connected to a common
ground plane. For optimum performance treat analog and
digital PWB traces as transmission lines. Route analog
connections cleanly to the TMC1175A. Segregate digital
connections and if necessary terminate clocks to eliminate
ringing. Prevent digital returm currents from flowing across
analog input sections of the TMC1175A.
Figure 2. Conversion Timing
CONV
D7-0
ORP
ORN
OE
VIN
24455A
Data N–3
Data N–2
Data N–1
Data N
tSTO
tPWL
tHO
tDIS
tENA
tDO
tPWH
1/fS
Hi-Z
Sample N
Sample N+1
Sample N+2
Sample N+3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com