Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS110-7615J Datasheet(PDF) 3 Page - Emerson Network Power

Part # NFS110-7615J
Description  Single & quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110-7615J Datasheet(HTML) 3 Page - Emerson Network Power

  NFS110-7615J Datasheet HTML 1Page - Emerson Network Power NFS110-7615J Datasheet HTML 2Page - Emerson Network Power NFS110-7615J Datasheet HTML 3Page - Emerson Network Power NFS110-7615J Datasheet HTML 4Page - Emerson Network Power NFS110-7615J Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. 06.30.09_69
NFS110 Series
3 of 5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Notes
1 Convectioncooled,80Wmaximum.
2 Peakoutputslastinglessthan60secondswithdutycyclelessthan10%.Total
peakpowermustnotexceed110W.
3 Forcedair,20CFMat1atmosphere,110Wmaximum.
4 Figureispeak-to-peak.Outputrippleismeasuredacrossa50MHzbandwidth
usinga12inchtwistedpairterminatedwitha47µFcapacitor.
5 Totalregulationisdefinedasthestaticoutputregulationat25°C,including
initialtolerance,linevoltagewithinstatedlimitsandoutputvoltagesadjusted
totheirfactorysettings.
6 Toachievestatedregulationonthe24VoutputontheNFS110-7602PJ,the
followingloadconditionmustbetrue:IA/IB≤5,where:
IA=+5.1Voutputcurrent,and
IB=+24Voutputcurrent
The+24Voutputwillmaintain±5.0%regulationunderthefollowing
additionalcondition:IA≤5A.
7 Singleoutputmodelshavefloatingoutputswhichmaybereferencedas
eitherpositiveornegative.Highervoltagesuppliesmaybeadjustedovera
wideoutputvoltagerange,aslongasthetotaloutputpowerdoesnotexceed
80Watts(naturalconvection)or110Watts(forcedair).
8 Powerfaildetectnotavailableonsingleoutputmodels.
9 Deratingcurveisapplicationspecificforambienttemperatures>50°C,
foroptimumreliabilitynopartoftheheatsinkshouldexceed90ºCandno
semiconductorcasetemperatureshouldexceed100ºC.
10 Caution:Allowaminimumof1secondafterdisconnectingthepowerwhen
makingthermalmeasurements.
11 Threeorthogonalaxes,randomvibration,10minutetestforeachaxis.
12 Thisproductisonlyforinclusionbyprofessionalinstallerswithinother
equipmentandmustnotbeoperatedasastandaloneproduct.
13 ArtesynTechnologiesrecommendsaminimumloadof11Wtoachievethe
designMTBF.Seethederatingcurveonpage3.
14 The‘J’suffixindicatesthatthesepartsarePb-free(RoHS6/6)compliant.
15 NOTICE:Somemodelsdonotsupportalloptions.Pleasecontactyour
localEmersonNetworkPowerrepresentativeorusetheon-linemodel
numbersearchtoolathttp://www.PowerConversion.comtofindasuitable
alternative.
OrderingInformation
Output
Voltage
Output Currents
Ripple (4)
Total
Regulation (5)
Mo�el Nu��ers
o�el Nu��ers (13, 14, F)
Max (1)
Peak (2)
Fan (3)
+5.1V
8A
20A
10A
50mV
±2.0%
NFS110-7601PJ
+12V
4.5A
9A
5A
120mV
±3.0%
–12V
0.5A
1.5A
1A
120mV
±3.0%
–5V
0.5A
1.5A
1A
50mV
±3.0%
+5.1V(IA)
8A
20A
10A
50mV
±2.0%
NFS110-7602PJ(6)
+24V(IB)(6)
3.5A
4.5A
4.5A
240mV
+10/–5.0%
+12V
4.5A
9A
5A
120mV
±3.0%
–12V
0.5A
1.5A
1A
120mV
±3.0%
+5.1V
8A
20A
10A
50mV
±2.0%
NFS110-7604PJ
15V
4A
7.5A
5A
150mV
±4.0%
-15V
0.5A
1.5A
1A
150mV
±3.0%
-5V
0.5A
1.5A
1A
50mV
±3.0%
12V
7A
9A
9A
120mV
±2.0%
NFS110-7612J(7,8)
15V
5A
7.3A
7.3A
150mV
±2.0%
NFS110-7615J(7,8)
24V
3.5A
4.5A
4.5A
240mV
±2.0%
NFS110-7624J(7,8)
TransientResponse
NFS110-7601PJ
+5.1V(7.5Ato10A)
+12V(2.5Ato5A)
-12V(0.5Ato1A)
-5V(0.5Ato1A)
150mVpeak,1msrecovery
100mVpeak,0.5msrecovery
100mVpeak,0.5msrecovery
100mVpeak,0.5msrecovery
NFS110-7602PJ
+5.1V(7.5Ato10A)
+24V(1.5Ato3A)
+12V(2.5Ato5A)
-12V(0.5Ato1A)
150mVpeak,1msrecovery
300mVpeak,1msrecovery
100mVpeak,0.5msrecovery
100mVpeak,0.5msrecovery
NFS110-7604PJ
+5.1V(7.5Ato10A)
+15V(2.5Ato5A)
-15V(0.5Ato1A)
-5V(0.5Ato1A)
150mVpeak,1msrecovery
100mVpeak,0.5msrecovery
100mVpeak,0.5msrecovery
100mVpeak,0.5msrecovery
NFS110-7605J
+5.1V(10Ato20A)
250mVpeak,1msrecovery
NFS110-7612J:
+12V(4.5Ato9A)
360mVpeak,1msrecovery
NFS110-7615J
+15V(3.65Ato7.3A)
450mVpeak,1msrecovery
NFS110-7624J
+24V(2.25Ato4.5A)
720mVpeak,1msrecovery



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com