Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS110-7615J Datasheet(PDF) 4 Page - Emerson Network Power

Part # NFS110-7615J
Description  Single & quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110-7615J Datasheet(HTML) 4 Page - Emerson Network Power

  NFS110-7615J Datasheet HTML 1Page - Emerson Network Power NFS110-7615J Datasheet HTML 2Page - Emerson Network Power NFS110-7615J Datasheet HTML 3Page - Emerson Network Power NFS110-7615J Datasheet HTML 4Page - Emerson Network Power NFS110-7615J Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ALL DIMENSIONS IN INCHES (mm)
Optional
Power Fail
Detect Circuit
(Key = Pin 2)
Pin 1
6-32 UNC
(4PL)
PIN 1
1.00 0.005
(25.4)
Voltage Adjust
J2
J1
F1
L1
T1
C6
PIN 1
0.156
DIA. HOLE
(4PL)
5A, 250 VAC
0.475
0.010
(12.07)
1.55 0.005
(39.37)
3.35 0.015 (85.09)
1.80 (45.72) MAX
0.050 0.020
(1.27)
4.250
0.020
(107.95)
3.750
0.005
(95.25)
0.250
0.010
(6.35)
0.250
0.010
(6.35)
6.50 0.005 (165.1)
7.00 0.020 (177.8)
T1
Rev. 06.30.09_69
NFS110 Series
 of 5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
AC(J1)matingconnector
Molex09-50-3051orMolex09-91-0500matingconnectorwith2478
orequivalentcrimpterminals.
DC(J2)matingconnector
Molex09-50-3131orMolex09-91-1300matingconnectorwith2478
orequivalentcrimpterminals.
Powerfaildetectsignal(Note8)
50ms≤T1≤200ms
T2willvarywithlineandload
T3≥3ms
Pout:110W
PFDoutputisanopencollectorwhich
willsink≤40mAinthelowstate.
HIGH
T1
T2
T3
4.75V
3.5V MIN
0-0.4 MAX
LOW
4.75V
5V OUTPUT
PFD SIGNAL
AC INPUT
OPTIONAL POWER FAIL DETECT TIMING DIAGRAM
80W
20 CFM FORCED AIR COOLING
40W
55W
0W
11W
11W MINIMUM LOAD REQUIRED AT 230VAC
NATURAL
CONVECTION
COOLING
0C
10C
20C
30C
40C
50C
60C
70C
DERATING CURVE (See Notes 9, 10)
Output Power (Watts)
110W
Pin Connections
J1
-7601PJ
-7602 P
-7604PJ
Singles
Pin1
ACGround
ACGround
ACGround
ACGround
Pin2
ACNeutral
ACNeutral
ACNeutral
ACNeutral
Pin3
ACLine
ACLine
ACLine
ACLine
J2
Pin1
+5.1V
+5.1V
+5.1V
Vout
Pin2
+5.1V
+5.1V
+5.1V
Vout
Pin3
+5.1V
+5.1V
+5.1V
Vout
Pin4
Return
Return
Return
Return
Pin5
Return
Return
Return
Return
Pin6
Return
Return
Return
Return
Pin7
Return
Return
Return
Return
Pin8
+12V
+12V
+15V
Vout
Pin9
+12V
+12V
+15V
Vout
Pin10
PFD
PFD
PFD
N/C
Pin11
-12V
-12V
-15V
N/C
Pin12
RemovedforKey
Pin13
-5V
+24V
-5V
N/C
N/C=noconnection
MechanicalNotes:
A Metallicornon-metallicstand-offs(maximumdiameter5.4mm)canbeusedinallfourmountingholes
withouteffectingsafetyapproval.
B ThegroundpadofthemountingholenearJ1,allowssystemgroundingthroughametalstand-offto
thesystemchassis.
C Theheatsinkisgrounded,andallowssystemgroundingbymechanicalconnectiontothesystem
chassis.
D ThesupplymustbemechanicallysupportedusingthePCBmountingholesandmaybeadditionally
supportedbytheheatsinkmountingholes.
E Itisalwaysadvisabletoattachthepowersupplyheatsinktoanotherthermaldissipator(suchasa
chassisorfinnedheatsinketc).Theresultingdecreaseinheatsinkmountedcomponenttemperatures
willimprovepowersupplylifetime.
F AstandardL-bracketandcoverisavailableformountingwhichcontainsallscrews,connectorsand
necessarymountinghardware.Thekitisavailable,orderpartnumber“NFS110CJ”­­.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com