Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2242AR2C Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # TMC2242AR2C
Description  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2242AR2C Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button TMC2242AR2C Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PRODUCT SPECIFICATION
TMC2242A/TMC2242B
6
Table 2. Impulse Response
Input = 0, 0, 0, …, 0, 400h, 0, …, 0, 0, 0
INT = DEC = TCO = 1
Hex
Decimal Equivalent
FFF2
-0.000875473
start & end
0000
0.0
0017
0.001390457
0000
0.0
FFDB
-0.002265930
0000
0.0
0039
0.003501892
0000
0.0
FFA8
-0.006366836
0000
0.0
007D
0.007621765
0000
0.0
FF51
-0.01071167
0000
0.0
00F3
0.01483154
0000
0.0
FEB5
-0.02018738
0000
0.0
01CA
0.02796364
0000
0.0
FD79
-0.03949928
0000
0.0
03CD
0.05937767
0000
0.0
F95E
-0.1036148
0000
0.0
145B
0.3180542
2010
0.5009766
center
Table 3. Step Response
Table 4a. Input Data Format
Input
INT=1
DEC=1
TCO=0
INT=1
DEC=1
TCO=1
INT=0
DEC=1
TCO=1
INT=1
DEC=0
TCO=1
400
xx
xx
xx
xx
400
...
400
xx
...
3FE7
xx
...
4018
xx
...
2008
xx
...
4018
DC Gain
400
000
...
000
3FE7
3FE7
...
3B90
4018
4018
...
446F
2010
2008
...
245F
4018
4018
...
446F
Max Ringing
000
3B90
446F
2010
446F
000
4FEB
3014
1004
1004
000
6FFB
1004
0000
1004
000
...
000
8456
...
7FFF
FBA9
...
0000
FBA9
...
0000
FBA9
...
0000
Min Ringing
Steady State
-20
2-1
2-2
…2-10
2-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com