Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2242AR2C Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # TMC2242AR2C
Description  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2242AR2C Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  TMC2242AR2C Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
• TMC2242A and TMC2242B are pin-compatible with
TMC2242
• User selectable interpolate gain, -6 dB or 0 dB (2242B)
• 30, 40 and 60 MHz speed grades
• User selectable 2:1 decimation, 1:2 interpolation, and
equal-rate filter modes
• Passband ripple <
±0.01 dB
• Stopband rejection 59.4 dB from 0.28 to 0.50 x fs
• Cascading two TMC2242A or TMC2242B meets
CCIR 601 low-pass filter requirement
• Dedicated 12-bit 2's complement input data port and
16-bit output data port with user-selectable rounding from
9 to 16 bits
• Two's complement or offset binary output format
• Built-in limiter prevents overflow
• Single +5 Volt power supply operation
• Small 44-Lead PLCC and 44-Lead MQFP
Applications
• Low-cost video filtering
• Chrominance bandwidth limiter
• Simple, inexpensive video D/A post-filters
• Reduced cost and complexity for A/D anti-aliasing filters
• High-performance digital low-pass filters
• Digital waveform reconstruction post-filtering
• Telecommunications
• Direct digital synthesis
• Radar
Description
The TMC2242A and TMC2242B are fixed-coefficient lin-
ear-phase half-band (low-pass) digital filters. They can be
used to halve or double the sampling rate of a digital signal.
When used as a decimating post-filter with a double-speed
oversampling A/D converter, they greatly reduce the cost and
complexity of anti-aliasing filters required ahead of the A/D
converter. When used as an interpolating pre-filter with a
double-speed oversampling D/A converter, the TMC2242A
and TMC2242B significantly reduce the design complexity
and production cost of reconstruction filters used on D/A
outputs.
The TMC2242A and TMC2242B user selects the mode of
operation (decimate, interpolate, or equal-rate) and round-
ing. The TMC2242A and TMC2242B accept 12-bit 2's com-
plement data at up to 60 MHz and output saturated
(overflow-protected) 2's complement or offset binary data
rounded to from 9 to 16 bits. Within the speed grade I/O
limit, the output sample rate may be 1/2, 1, or 2 times the
input sample rate.
Block Diagram
SI11-0
CLK
DEC
INT
SYNC
12
12
12
12
16
16
16
SO15-0
TCO
RND2-0
55 Tap
FIR
Filter
Round
and
Limit
3
Control
OE
Interpolate 0-1-0-1
Decimate, Equal Rate 1-1-1-1
65-2242A-01
TMC2242A/TMC2242B
Digital Half-Band Interpolating/Decimating Filter
12-bit In/16-bit Out, 60 MHz
Rev. 1.2.0
www.cadeka.com


Similar Part No. - TMC2242AR2C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2242AR2C FAIRCHILD-TMC2242AR2C Datasheet
86Kb / 16P
Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242AR2C1 FAIRCHILD-TMC2242AR2C1 Datasheet
86Kb / 16P
Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242AR2C2 FAIRCHILD-TMC2242AR2C2 Datasheet
86Kb / 16P
Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
More results

Similar Description - TMC2242AR2C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
Digital Mixer 12 x 12 Bit, 60 MHz
logo
fujitsu semiconductor
MB86060 FUJITSU-MB86060 Datasheet
105Kb / 6P
16-Bit Interpolating Digital to Analog Converter
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
Decimating/Interpolating Digital Filter
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Intersil Corporation
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
Decimating Digital Filter
March 1999
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
Decimating Digital Filter
July 2004
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
Decimating Digital Filter
October 10, 2008
logo
Analog Devices
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
10-Bit, 12-Channel Decimating
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com