Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC150 Datasheet(PDF) 6 Page - RHOPOINT COMPONENTS

Part # ADC150
Description  Programmable Integrating A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

ADC150 Datasheet(HTML) 6 Page - RHOPOINT COMPONENTS

  ADC150 Datasheet HTML 1Page - RHOPOINT COMPONENTS ADC150 Datasheet HTML 2Page - RHOPOINT COMPONENTS ADC150 Datasheet HTML 3Page - RHOPOINT COMPONENTS ADC150 Datasheet HTML 4Page - RHOPOINT COMPONENTS ADC150 Datasheet HTML 5Page - RHOPOINT COMPONENTS ADC150 Datasheet HTML 6Page - RHOPOINT COMPONENTS ADC150 Datasheet HTML 7Page - RHOPOINT COMPONENTS ADC150 Datasheet HTML 8Page - RHOPOINT COMPONENTS ADC150 Datasheet HTML 9Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
OUTPUT DATA REPRESENTATION
The output data is represented in BOB (Bipolar Offset Binary)
format. The table below shows the output data codes for zero
and plus-minus full scale input voltage for the programmable
resolution of the converter.
Input Voltage
Output Data
High Byte
Middle Byte
Low Byte
00
80
FF
00
00
FF
00
00
FF
-10.485760 V
0.0 V
+10.485755 V
Input Voltage
Output Data
High Byte
Middle Byte
Low Byte
00
20
3F
00
00
FF
00
00
FF
-10.485760 V
0.0 V
+10.485755 V
Input Voltage
Output Data
High Byte
Middle Byte
Low Byte
00
08
10
00
00
FF
00
00
FF
-10.485760 V
0.0 V
+10.485755 V
Input Voltage
Output Data
High Byte
Middle Byte
Low Byte
00
02
04
00
00
FF
00
00
FF
-10.485760 V
0.0 V
+10.485755 V
24 Bits
1 LSB = 1.24 µV
22 Bits
1 LSB = 5 µV
20 Bits
1 LSB = 20 µV
18 Bits
1 LSB = 80 µV
FIGURE 2
ADC150DS REV. F MAR 00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com