Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX296C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX296C/D
Description  8th-Order, Lowpass, Switched-Capacitor Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX296C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX296C/D Datasheet HTML 1Page - Maxim Integrated Products MAX296C/D Datasheet HTML 2Page - Maxim Integrated Products MAX296C/D Datasheet HTML 3Page - Maxim Integrated Products MAX296C/D Datasheet HTML 4Page - Maxim Integrated Products MAX296C/D Datasheet HTML 5Page - Maxim Integrated Products MAX296C/D Datasheet HTML 6Page - Maxim Integrated Products MAX296C/D Datasheet HTML 7Page - Maxim Integrated Products MAX296C/D Datasheet HTML 8Page - Maxim Integrated Products MAX296C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
8th-Order, Lowpass,
Switched-Capacitor Filters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 5V, V- = -5V, filter output measured at OUT pin, 20k
Ω load resistor to ground at OUT and OP OUT, fCLK = 100kHz
(MAX291/MAX292) or fCLK = 50kHz (MAX295/MAX296), TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (V+ to V-).......................................................12V
Input Voltage at Any Pin.............V- + (-0.3V)
≤ VIN ≤ V+ + (0.3V)
Continuous Power Dissipation
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C) ....762mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C)........640mW
Operating Temperature Ranges
MAX29_C_ _ ........................................................0°C to +70°C
MAX29_E_ _ .....................................................-40°C to +85°C
MAX29_MJA ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
MAX295/MAX296
MAX291/MAX292
MAX296
MAX295
MAX291/MAX292
MAX295/MAX296
MAX291
MAX292
CONDITIONS
Hz
0.1-50k
Corner-Frequency Range
0.1-25k
-0.02
-0.1
60
Clock to Corner
Frequency Tempco
5
100:1
50:1
Clock to Corner
Frequency Ratio
10
40
UNITS
MIN
TYP
MAX
PARAMETER
fIN = 0.50 Fo
fIN = 1.00 Fo
-2.2
-2.7
-3.2
MAX291
fIN = 3.00 Fo
-70.0
-76.0
fIN = 2.00 Fo
-43.0
-48.0
fIN = 0.50 Fo
-0.6
-0.8
-1.0
fIN = 2.00 Fo
-11.0
-13.0
-15.0
fIN = 1.00 Fo
-2.7
-3.0
-3.3
fIN = 0.25 Fo
-0.1
-0.2
-0.3
fIN = 3.00 Fo
-30.0
-34.0
MAX292
fIN = 6.00 Fo
-74.0
-78.0
fIN = 4.00 Fo
-47.0
-51.0
fIN = 1.00 Fo
-2.2
-2.7
-3.2
MAX295
fIN = 3.00 Fo
-70.0
-76.0
fIN = 2.00 Fo
-43.0
-48.0
fIN = 0.50 Fo
fIN = 0.50 Fo
-0.6
-0.8
-1.0
fIN = 2.00 Fo
-11.0
-13.0
-15.0
fIN = 1.00 Fo
-2.7
-3.0
-3.3
fIN = 0.25 Fo
-0.1
-0.2
-0.3
fIN = 3.00 Fo
-30.0
-34.0
MAX296
fIN = 6.00 Fo
-74.0
-78.0
Insertion Gain Relative to
DC Gain
fIN = 4.00 Fo
-47.0
-51.0
-0.02
-0.1
dB
ppm/°C
FILTER CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com