Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX296C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX296C/D
Description  8th-Order, Lowpass, Switched-Capacitor Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX296C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX296C/D Datasheet HTML 1Page - Maxim Integrated Products MAX296C/D Datasheet HTML 2Page - Maxim Integrated Products MAX296C/D Datasheet HTML 3Page - Maxim Integrated Products MAX296C/D Datasheet HTML 4Page - Maxim Integrated Products MAX296C/D Datasheet HTML 5Page - Maxim Integrated Products MAX296C/D Datasheet HTML 6Page - Maxim Integrated Products MAX296C/D Datasheet HTML 7Page - Maxim Integrated Products MAX296C/D Datasheet HTML 8Page - Maxim Integrated Products MAX296C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
8th-Order, Lowpass,
Switched-Capacitor Filters
_______________________________________________________________________________________
5
0
0
0.2 0.4 0.6
1.2 1.4
2.0
MAX296 LOW-VOLTAGE
FREQUENCY RESPONSE
-24
-28
-8
-12
-4
INPUT FREQUENCY (F/FC)
0.8 1.0
1.6 1.8
-16
-20
V+ = +2.5V
V- = -2.5V
FC = 20kHz
FC = 2kHz
0
1.0
1.1
1.3
1.5
MAX291 LOW-VOLTAGE
FREQUENCY RESPONSE
-24
-28
-8
-12
-4
INPUT FREQUENCY (F/FC)
1.2
1.4
-16
-20
V+ = +2.5V
V- = -2.5V
FC = 20kHz
FC = 1kHz
-40
12
3
6
7
10
MAX291 THD + NOISE vs.
INPUT SIGNAL AMPLITUDE
-75
-80
-55
-60
-50
-45
AMPLITUDE (Vp-p)
4
58
9
-65
-70
B
A
A: fCLK = 200kHz Fo = 2kHz
INPUT FREQ. = 200Hz
MEAS. BANDWIDTH = 30kHz
B: fCLK = 1MHz Fo = 1kHz
INPUT FREQ. = 1kHz
MEAS. BANDWIDTH = 80kHz
0
0
0.2 0.4 0.6
1.2 1.4
2.0
MAX296 LOW-VOLTAGE PHASE RESPONSE
-540
-630
-180
-270
-90
INPUT FREQUENCY (F/FC)
0.8 1.0
1.6 1.8
-360
-450
V+ = +2.5V
V- = -2.5V
FC = 20kHz
FC = 2kHz
-40
12
3
6
7
10
MAX295 THD + NOISE vs.
INPUT SIGNAL AMPLITUDE
-75
-80
-55
-60
-50
-45
AMPLITUDE (Vp-p)
4
58
9
-65
-70
C
D
C: fCLK = 200kHz Fo = 4kHz
INPUT FREQ. = 400Hz
MEAS. BANDWIDTH = 30kHz
D: fCLK = 1MHz Fo = 20kHz
INPUT FREQ. = 2kHz
MEAS. BANDWIDTH = 80kHz
0
1.0
1.1
1.3
1.5
MAX291 LOW-FREQUENCY
PHASE RESPONSE
-480
-560
-160
-240
-80
INPUT FREQUENCY (F/FC)
1.2
1.4
-320
-400
V+ = +2.5V
V- = -2.5V
FC = 20kHz
FC = 1kHz
-40
12
3
6
7
10
MAX292 THD + NOISE vs.
INPUT SIGNAL AMPLITUDE
-75
-80
-55
-60
-50
-45
AMPLITUDE (Vp-p)
4
58
9
-65
-70
A
B
A: fCLK = 200kHz Fo = 2kHz
INPUT FREQ. = 200Hz
MEAS. BANDWIDTH = 30kHz
B: fCLK = 1MHz Fo = 1kHz
INPUT FREQ. = 1kHz
MEAS. BANDWIDTH = 80kHz
-40
12
3
6
7
10
MAX296 THD + NOISE vs.
INPUT SIGNAL AMPLITUDE
-75
-80
-55
-60
-50
-45
AMPLITUDE (Vp-p)
4
58
9
-65
-70
C
D
C: fCLK = 200kHz Fo = 4kHz
INPUT FREQ. = 400Hz
MEAS. BANDWIDTH = 30kHz
D: fCLK = 1MHz Fo = 20kHz
INPUT FREQ. = 2kHz
MEAS. BANDWIDTH = 80kHz
Typical Operating Characteristics (continued)
(V+ = 5V, V- = -5V, RLOAD = 5kΩ, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com