Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPI-11LZ Datasheet(PDF) 1 Page - Vicor Corporation

Part # QPI-11LZ
Description  7 A V쨌I Chip EMI Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-11LZ Datasheet(HTML) 1 Page - Vicor Corporation

  QPI-11LZ Datasheet HTML 1Page - Vicor Corporation QPI-11LZ Datasheet HTML 2Page - Vicor Corporation QPI-11LZ Datasheet HTML 3Page - Vicor Corporation QPI-11LZ Datasheet HTML 4Page - Vicor Corporation QPI-11LZ Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Picor Corporation • www.picorpower.com
QPI-11 Data Sheet Rev. 1.6 Page 1 of 5
7 A V·I Chip EMI Filter
QPI-11
QUIETPOWER
®
Features
• >50 dB CM attenuation at 1 MHz
• >70 dB DM attenuation at 1 MHz
• 50 Vdc (max input)
• 100 Vdc surge 100 ms
• 750 Vdc Hi-pot hold off to shield plane
• 7 A rating
• 12.4 x 25 x 4.5 mm SiP (System-in-a-Package)
• Low profile LGA package
• -40° to +100°C PCB temperature (see Figure 6)
• Efficiency >99%
Applications
• COTS Military and Industrial
•V•I Chip input power filter
Figure 2 – QPI-11 Typical application schematic
Figure 1 – QPI-11 actual size.
Figure 3 – QPI-11 network analyzer attenuation curves
Description
The QPI-11 EMI filter is specifically designed to
attenuate conducted common-mode (CM) and
differential-mode (DM) noise of the VICOR V•I Chip
products to comply with the CISPR22 standard
requirements for conducted noise measurements. The
filter is designed to operate up to 36 Vdc and supports
7 A loads up to 60°C without derating.
Designed for the military and industrial bus range, the
V•I Chip EMI Filter supports the PICMG® 3.0
specification for filtering system boards to the EN55022
Class B limits.
®


Similar Part No. - QPI-11LZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-11LZ VICOR-QPI-11LZ Datasheet
151Kb / 1P
VI Chip Input EMI Filters
logo
Powerbox
QPI-11LZ POWERBOX-QPI-11LZ Datasheet
1Mb / 1P
ACTIVE EMI FILTER
More results

Similar Description - QPI-11LZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-3L VICOR-QPI-3L Datasheet
128Kb / 8P
7 Amp Active EMI Filter for 24V DC Bus
logo
Abracon Corporation
AMBF22 ABRACON-AMBF22 Datasheet
205Kb / 2P
MULTILAYER CHIP BALANCE-EMI FILTER
08.24.07
logo
Vicor Corporation
QPI-12 VICOR-QPI-12 Datasheet
438Kb / 4P
7 A V쨌I Chip EMI Filter
logo
STMicroelectronics
EMIF07-LCD03F3 STMICROELECTRONICS-EMIF07-LCD03F3 Datasheet
431Kb / 7P
7-line IPAD?? EMI filter and ESD protection
Dec-2008
logo
Murata Manufacturing Co...
NFE61PT181B1H9 MURATA1-NFE61PT181B1H9_V01 Datasheet
311Kb / 3P
The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
NFE61PT330B1H9 MURATA1-NFE61PT330B1H9_V01 Datasheet
310Kb / 3P
The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
NFE61PT361B1H9 MURATA1-NFE61PT361B1H9_V01 Datasheet
311Kb / 3P
The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
NFE61PT472C1H9 MURATA1-NFE61PT472C1H9_V01 Datasheet
313Kb / 3P
The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
NFE61PT680B1H9 MURATA1-NFE61PT680B1H9_V01 Datasheet
310Kb / 3P
The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
NFG0NCN162HL3 MURATA1-NFG0NCN162HL3 Datasheet
379Kb / 3P
The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com