Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPI-11LZ Datasheet(PDF) 2 Page - Vicor Corporation

Part # QPI-11LZ
Description  7 A V쨌I Chip EMI Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-11LZ Datasheet(HTML) 2 Page - Vicor Corporation

  QPI-11LZ Datasheet HTML 1Page - Vicor Corporation QPI-11LZ Datasheet HTML 2Page - Vicor Corporation QPI-11LZ Datasheet HTML 3Page - Vicor Corporation QPI-11LZ Datasheet HTML 4Page - Vicor Corporation QPI-11LZ Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Picor Corporation • www.picorpower.com
QPI-11 Data Sheet Rev. 1.6 Page 2 of 5
Absolute Maximum Ratings – Exceeding these parameters may result in permanent damage to the product.
Electrical Characteristics – Parameter limits apply over the operating PCB temperature range unless otherwise noted
Pins
Parameter
Notes
Min
Max
Units
Bus+ to Bus–
Input voltage
Continuous
-50
50
Vdc
Bus+ to Bus–
Input voltage
100 ms transient
-100
100
Vdc
BUS+ / BUS– to shield plane
BUS inputs to shield hipot
-750
750
Vdc
QPI+ to QPI–
Input to output current
Continuous @ 25°C
7
Adc
Package
Power dissipation
@ 25°C
1.50
W
Package
Operating temperature
PCB to filter interface
100
°C
Package
Thermal resistance
Free air
75
°C/W
Package
Thermal resistance
PCB Layout Fig. 5
30
°C/W
Package
Storage temperature
-55
125
°C
Package
Reflow temperature
20 s exposure
(1)
212
°C
All Pins
ESD
HBM
-2
+2
kV
Parameter
Notes
Min
Typ
Max
Units
Bus+ to Bus- input range
Measured at 7 A
5
50
Vdc
Bus+ to Out+ voltage drop
Measured at 7 A
(2)
110
mVdc
Bus- to Out- voltage drop
Measured at 7 A
(2)
110
mVdc
Common mode attenuation
VBUS = 24 V Frequency = 1.0 MHz
50
dB
Differential mode attenuation
VBUS = 24 V Frequency = 1.0 MHz
70
dB
Input bias current at 40 V
Input current from Bus+ to Bus-
10
µA
Note 1: RoHS compliant product maximum peak temperature is 245°C for 20 seconds.
0.1000
Pad Detail: 10 Places
0.184
0.052
0.148
0.000
0.184
0.1773
0.4882
0.2000
0.9843
0.1000
0.2000
1
2
3
4
5
6
78
9
10
1/2 SIP Package
(Bottom View)
Pad Description
SiP Package Outline
Pin
Number
Name
Description
8, 9
Bus +
Positive bus voltage
1, 10
Bus –
Negative bus potential
6, 7
Out +
Positive input to the converter
4, 5
Out –
Negative input to the converter
2, 3
Shield
The shield connects to system shield and
may connect to the converter created
shield plane
Note 2: See Figure 6 for current derating curve.
Ordering Information
Part
Number
Description
QPI-11LZ
QPI-11 LGA Package, RoHS Compliant
QPI-11LZ-01
QPI-11 LGA, RoHS Compliant
Open Frame Package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com