Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4540 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4540
Description  High Effi ciency Boost Converter for up to 10 LEDs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4540 Datasheet(HTML) 5 Page - Semtech Corporation

  SC4540 Datasheet HTML 1Page - Semtech Corporation SC4540 Datasheet HTML 2Page - Semtech Corporation SC4540 Datasheet HTML 3Page - Semtech Corporation SC4540 Datasheet HTML 4Page - Semtech Corporation SC4540 Datasheet HTML 5Page - Semtech Corporation SC4540 Datasheet HTML 6Page - Semtech Corporation SC4540 Datasheet HTML 7Page - Semtech Corporation SC4540 Datasheet HTML 8Page - Semtech Corporation SC4540 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Typical Characteristics
SC4540
Efficiency vs. I
BL
Efficiency versus Input Voltage
Efficiency versus Input Voltage
Efficiency versus Output Voltage
Efficiency versus Input Voltage
Normalized I
BL versus Output Voltage
70
74
78
82
86
90
10
15
20
25
30
IBL (m A )
V IN = 8.4V
V IN = 12V
V IN = 7.2V
V IN = 5.0V
70
74
78
82
86
90
20
22
24
26
28
30
V OUT (V )
V IN = 12V
V IN = 5.0V
V IN = 7.2V
V IN = 8.4V
80
82
84
86
88
90
4.5
6.0
7.5
9.0
10.5
12.0
V IN (V )
8 LE D s
10 LE D s
6 LE D s
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
20
22
24
26
28
30
V OUT (V)
V IN = 12V
V IN = 8.4V
V IN = 7.2V
V IN = 5.0V
80
82
84
86
88
90
4.5
6.0
7.5
9.0
10.5
12.0
V IN (V )
LE D E fficiency
V OUT E fficiency
80
82
84
86
88
90
4.5
6.0
7.5
9.0
10.5
12.0
V IN (V)
30 m A
10 m A
20 m A
All data taken with V
OUT
= 26.5V (8 white LEDs), R
ISET
= 5.76kΩ (I
OUT
= 20mA), V
IN
= 7.2V, L = 56μH, and efficiency (η) = P
LED
/P
IN
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com