Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4540 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4540
Description  High Effi ciency Boost Converter for up to 10 LEDs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4540 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4540 Datasheet HTML 7Page - Semtech Corporation SC4540 Datasheet HTML 8Page - Semtech Corporation SC4540 Datasheet HTML 9Page - Semtech Corporation SC4540 Datasheet HTML 10Page - Semtech Corporation SC4540 Datasheet HTML 11Page - Semtech Corporation SC4540 Datasheet HTML 12Page - Semtech Corporation SC4540 Datasheet HTML 13Page - Semtech Corporation SC4540 Datasheet HTML 14Page - Semtech Corporation SC4540 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Applications Information (continued)
SC4540
must withstand high voltage for an extended period of
time.
Soft-Start
The soft-start mode reduces in-rush current by utilizing
the external compensation network. As the error amplifier
slowly charges the COMP node voltage, the duty cycle of
the boost switch ramps from 0% to its final value when in
regulation. The gradual increase of the duty cycle slowly
charges the output capacitor and limits in-rush current
during start up. Soft-start is implemented only when the
power is cycled on the part.
Thermal Shutdown
A thermal shutdown mode is included for protection in
the event the junction temperature exceeds 155°C. In
thermal shutdown, the on-chip power switch is disabled.
Switching and sinking resumes when the temperature
drops by 20°C.
Current Limit
The power switch of the boost converter is protected by
an internal current limit function. The switch is opened
when the current exceeds the maximum switch current
value.
Inductor Selection
The inductor value should be within the range of 22μH to
68μH. The DCR needs to be considered when selecting
the inductor to ensure optimum efficiency. The largest
inductor package that can be accommodated in the circuit
area should be used since the DCR generally decreases
with increasing package size.
The saturation current of the inductor should be much
higher than the peak current of the internal boost switch
to ensure that the inductor never enters saturation during
normal operation of the part. The equation to calculate
the peak inductor current is:
2
I
I
I
L
IN
L(Peak)
where
osc
IN
L
f
L
D
V
I
OUT
IN
V
V
1
D
IN
OUT
OUT
IN
V
I
V
I
D is the duty cycle for continuous operation. Efficiency (η)
can be approximated by using the curves provided in the
Typical Characteristics section. Table 1 lists inductors that
have been proven to work with SC4540.
Table 1 — Recommended Inductors
Part Number
Value
(μH)
DCR
(Ω)
Rated
Current (A)
Toler-
ance
Dimensions
(L x W x H)
(mm)
Coilcraft
LPS6235
56
0.28
1.1
±20%
6.2 x 6.2 x 3.5
Coilcraft
LPS4018-223ML
22
0.360
0.70
±20%
3.9 x 3.9 x 1.7
Capacitor Selection
The input capacitor should be at least 2.2μF. A larger
capacitor will reduce the voltage ripple on the input. The
output capacitor values can range from 0.22μF to 1μF. The
compensation capacitor value should be 47nF. Capacitors
of X5R type material or better can be used for any of the
capacitors. See Table 2 for recommended capacitors.
Table 2 — Recommended Capacitors
Part Number
Value
(μF)
Rated
Voltage (V)
Type
Case Size
Input Capacitor
Murata
GRM219R61E225KA12
2.2
25
X5R
0805
Output Capacitor
Murata
GRM21BR71H105KA12L
1.0
50
X7R
0805
Compensation Capacitor
Taiyo Yuden
EMK105BJ473KV-F
0.047
16
X7R
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com