Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4DDR32M72-8/XT Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS4DDR32M72-8/XT
Description  32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR32M72-8/XT Datasheet(HTML) 1 Page - Austin Semiconductor

  AS4DDR32M72-8/XT Datasheet HTML 1Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 2Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 3Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 4Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 5Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 6Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 7Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 8Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.4G
2.4G
2.4G
2.4G
2.4Gb SDRAM-DDR
b SDRAM-DDR
b SDRAM-DDR
b SDRAM-DDR
b SDRAM-DDR
AS4DDR32M72PBG
AS4DDR32M72PBG
Rev. 1.2 06/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
32Mx72 DDR SDRAM
iNTEGRATED Plastic Encapsulated Microcircuit
FEATURES
DDR SDRAM Data Rate = 200, 250, 266, 333Mbps
Package:
• 219 Plastic Ball Grid Array (PBGA), 32 x 25mm
2.5V ±0.2V core power supply
2.5V I/O (SSTL_2 compatible)
Differential clock inputs (CLK and CLK#)
Commands entered on each positive CLK edge
Internal pipelined double-data-rate (DDR)
architecture; two data accesses per clock cycle
Programmable Burst length: 2,4 or 8
Bidirectional data strobe (DQS) transmitted/received
with data, i.e., source-synchronous data capture
(one per byte)
DQS edge-aligned with data for READs; center-aligned
with data for WRITEs
DLL to align DQ and DQS transitions with CLK
Four internal banks for concurrent operation
Two data mask (DM) pins for masking write data
Programmable IOL/IOH option
Auto precharge option
Auto Refresh and Self Refresh Modes
Industrial, Enhanced and Military Temperature
Ranges
Organized as 32M x 72/80
Weight: AS4DDR32M72PBG </= 3.10 grams typical
* This product and or it’s specifications is subject to change without notice.
BENEFITS
40% SPACE SAVINGS
Reduced part count
Reduced I/O count
• 34% I/O Reduction
Reduced trace lengths for lower parasitic
capacitance
Suitable for hi-reliability applications
Laminate interposer for optimum TCE match
O
P
T
I
O
N
S
Area
I/O
Count
11.9
Monolithic Solution
11.9
11.9
11.9
5 x 265mm2 = 1328mm2 Plus
5 x 66 pins = 320 pins
11.9
32
25
Integrated MCP Solution
S
A
V
I
N
G
S
22.3
800mm2
40+%
219 Balls
34 %
Configuration Addressing
Parameter
32 Meg x 72
Configuration
8 Meg x 16 x 4 Banks
Refresh Count
8K
Row Address
8K (A0 A12)
Bank Address
4 (BA0 BA1)
Column Address
1K (A0 A9)


Similar Part No. - AS4DDR32M72-8/XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG1-10/ET AUSTIN-AS4DDR32M72PBG1-10/ET Datasheet
343Kb / 18P
32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG1-10/IT AUSTIN-AS4DDR32M72PBG1-10/IT Datasheet
343Kb / 18P
32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG1-10/XT AUSTIN-AS4DDR32M72PBG1-10/XT Datasheet
343Kb / 18P
32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG1-6/ET AUSTIN-AS4DDR32M72PBG1-6/ET Datasheet
343Kb / 18P
32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
More results

Similar Description - AS4DDR32M72-8/XT

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
32Mx72 REGISTERED DDR SDRAM
W3E32M72S-XBX WEDC-W3E32M72S-XBX Datasheet
669Kb / 19P
32Mx72 DDR SDRAM
W3E32M72S-XSBX WEDC-W3E32M72S-XSBX Datasheet
465Kb / 19P
32Mx72 DDR SDRAM
logo
Austin Semiconductor
AS4DDR16M72PBG AUSTIN-AS4DDR16M72PBG Datasheet
369Kb / 19P
16Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M64PBG AUSTIN-AS4DDR232M64PBG Datasheet
376Kb / 28P
32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG AUSTIN-AS4DDR232M72PBG Datasheet
247Kb / 28P
32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M65PBG1 AUSTIN-AS4DDR264M65PBG1 Datasheet
252Kb / 28P
64Mx64 DDR2 SDRAM w/ DUAL CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG AUSTIN-AS4DDR264M72PBG Datasheet
267Kb / 28P
64Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
iNTEGRATED Plastic Encapsulated Microcircuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com