Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4DDR32M72-8/XT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS4DDR32M72-8/XT
Description  32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR32M72-8/XT Datasheet(HTML) 4 Page - Austin Semiconductor

  AS4DDR32M72-8/XT Datasheet HTML 1Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 2Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 3Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 4Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 5Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 6Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 7Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 8Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.4G
2.4G
2.4G
2.4G
2.4Gb SDRAM-DDR
b SDRAM-DDR
b SDRAM-DDR
b SDRAM-DDR
b SDRAM-DDR
AS4DDR32M72PBG
AS4DDR32M72PBG
Rev. 1.2 06/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
BGA Locations
SYMBOL
E12
VREF
SSTL-2 Reference Voltage
A11, A12, D5, D6, H4, H15,
J4, J15, T5, T6
VCCQ
I/O Power Supply
A5, A6, A16, B5, B6, C11,
C12, D11, D12, E14, F14,
G14, H1, H2, H5, H13,
H14, J1, J2, J5, J13, J14,
K14, L14, P5, P6, R11.
R12, T1, T11, T12, M14
VSS
Ground (Digital)
B11, B12, C5, C6, E3, F3,
G3, H3, H12, H16, J3, J12,
J16, K3, L3, M3, P11, P12,
R5, R6, T16
VCC
Core Power Supply
A2, A3, A4, A13, A14, B1,
B2, B3, B4, B13, B14, B15,
B16, C1, C2, C3, C4, C13,
C14, C15, C16, D1, D2, D3,
D4, D13, D14, D15, D16,
E1, E16, M1, M16, N1, N2,
N3, N4, N13, N14, N15,
N16, T2, T3, T4, T13, T14,
T15, N7, N8, N9, N10, P7,
P8, P9, P10, R7, R8, R9,
R10, T7, T8, T9, T10
DQ0-79
Data I/O
Data Stobe: Output with read data, input with write data. DQS is edge-aligned with
read data, centered in write data. It is used to capture data
E6, E7, E10, E11, F5, K5,
L12, N5, N12, E5
DQSLX, DQSHX
DESCRIPTION
CKEx
G4, G16, K2, K13, M6
Chip Select: CSx\ enables the COMMAND register(s) of each of the five (5) contained
words. All commands are masked with CSx\ is registered HIGH. CSx\ provides for
external bank selection on systems with multiple banks. CSx\ is considered part of the
COMMAND CODE.
CSx\
G1, G13, K4, K16, M12
Address Input: Provide the row address for Active commands, and the column address
and auto precharge bit (A10) for READ / WRITE commands to select one location out
of the memory array in the respective bank. A10 sampled during a PRECHARGE
command determines whether the PRECHARGE applies to one bank or all banks.
The address inputs also provide the op-code during a MODE RESISTER SET
command.
A0-11, A12
E8, E9
BA0, BA1
Bank Address Inputs: BA0, BA1, define which bank an ACTIVE READ, WRITE or
PRECHARGE Command is being applied.
A7, A8, A9, A10, B7, B8,
B9, B10, C7, C8. C9, C10,
D7
F4, F16, G5, G15, K1, K12,
L2, L13, N6, M8
CKx, CKx\
Clock: CKx and CKx\ are differential clock inputs. All address and control input signals
are sampled on the crossing of the positive edge of CKx and negative edge of CKx\.
Output data (DQ's and DQS) is referenced to the crossings of the differential clock
inputs.
G4, G16, K2, K14, M7
RASx\, CASx\,
Wex\
F4, F16, G5, G15, K1, K12,
L2, L13, N7, M9
Clock Enable: CKE controls the clock inputs. CKE high enables, CKE Low disables
the clock input pins. Driving CKE Low provides PRECHARGE POWER-DOWN. CKE
is synchronous for POWER-DOWN entry and exit, and for SELF REFRESH entry CKE
is Asynchronous for SELF REFRESH exit and for disabling the outputs. CKE must be
maintained HIGH throughout read and write accesses. Input buffers are disabled
during POWER-DOWN Input buffers are disabled during SELF REFRESH. CKE is an
SSTL-2 input but will detect an LVCMOS LOW level after VCC is applied
Command Inputs: RASx, CASx and Wex\ define the command being entered.
Input Data Mask: DM is an input mask signal for write data. Input data is masked when
DQMLx or Hx is sampled HIGH at time of a WRITE access. DM is sampled on both
edges of DQSLx and DQSHx.
DQMLx, DQMHx
PIN DEFINITIONS / FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com