Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS27C256-30ECAM Datasheet(PDF) 11 Page - Austin Semiconductor

Part # AS27C256-30ECAM
Description  256K UVEPROM UV Erasable Programmable Read-Only Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C256-30ECAM Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS27C256-30ECAM Datasheet HTML 5Page - Austin Semiconductor AS27C256-30ECAM Datasheet HTML 6Page - Austin Semiconductor AS27C256-30ECAM Datasheet HTML 7Page - Austin Semiconductor AS27C256-30ECAM Datasheet HTML 8Page - Austin Semiconductor AS27C256-30ECAM Datasheet HTML 9Page - Austin Semiconductor AS27C256-30ECAM Datasheet HTML 10Page - Austin Semiconductor AS27C256-30ECAM Datasheet HTML 11Page - Austin Semiconductor AS27C256-30ECAM Datasheet HTML 12Page - Austin Semiconductor AS27C256-30ECAM Datasheet HTML 13Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
AS27C256
AS27C256
Rev. 2.0 7/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Austin Semiconductor, Inc.
ASI Case #208 (Package Designator ECA)
MECHANICAL DEFINITIONS*
*All measurements are in inches.
b1
Detail A
E1
L1
b
D1
L
See Detail A
e
E
D
A
MIN
MAX
A
0.060
0.120
b
0.022
0.028
b1
0.006
0.022
D
0.442
0.458
D1
E
0.540
0.560
E1
e
L
0.045
0.055
L1
0.075
0.095
0.050 BSC
SYMBOL
SMD SPECIFICATIONS
0.300 BSC
0.400 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com