Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7780 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7780
Description  24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7780 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7780 Datasheet HTML 3Page - Analog Devices AD7780 Datasheet HTML 4Page - Analog Devices AD7780 Datasheet HTML 5Page - Analog Devices AD7780 Datasheet HTML 6Page - Analog Devices AD7780 Datasheet HTML 7Page - Analog Devices AD7780 Datasheet HTML 8Page - Analog Devices AD7780 Datasheet HTML 9Page - Analog Devices AD7780 Datasheet HTML 10Page - Analog Devices AD7780 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7780
Rev. A | Page 7 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD7780
TOP VIEW
(Not to Scale)
NC = NO CONNECT
1
2
3
4
5
6
7
8
SCLK
DOUT/RDY
NC
AIN(–)
AIN(+)
GAIN
NC
REFIN(+)
16
15
14
13
12
11
10
9
FILTER
PDRST
DVDD
BPDSW
REFIN(–)
GND
AVDD
NC
SCLK 1
DOUT/RDY 2
NC 3
GAIN 4
FILTER
14
PDRST
13
DVDD
12
AVDD
11
AIN(+) 5
GND
10
AIN(–) 6
BPDSW
9
REFIN(+) 7
REFIN(–)
8
AD7780
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 6. SOIC Pin Configuration
Figure 7. TSSOP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
SOIC
TSSOP
Mnemonic
Description
1
2
SCLK
Serial Clock Input. This serial clock input is for data transfers from the ADC. The SCLK pin has a Schmitt-
triggered input. The serial clock can be active only when transferring data from the AD7780. The data
from the AD7780 can be read as a continuous 32-bit word. Alternatively, SCLK can be noncontinuous
during the data transfer, with the information being transmitted from the ADC in smaller data batches.
2
3
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDY serves a dual purpose: as a data ready pin, going low to
indicate the completion of a conversion, and as a serial data output pin to access the data register of the
ADC. Eight status bits accompany each data read (see
). The DOUT/
Figure 22
RDY falling edge can be used
as an interrupt to a processor, indicating that new data is available. If the data is not read after the conver-
sion, the pin goes high before the next update occurs. The serial interface is reset each time that a conversion is
available. Therefore, the user must ensure that any conversions being transmitted are completed before
the next conversion is available.
3
1, 4, 16
NC
No Connect. This pin can be left floating.
4
5
GAIN
Gain Select Pin. When GAIN is low, the gain is set to 128. When GAIN is high, the gain is set to 1.
5
6
AIN(+)
Analog Input. AIN(+) is the positive terminal of the differential analog input pair, AIN(+)/AIN(−).
6
7
AIN(−)
Analog Input. AIN(−) is the negative terminal of the differential analog input pair, AIN(+)/AIN(−).
7
8
REFIN(+)
Positive Reference Input. An external reference can be applied between REFIN(+) and REFIN(−). The nomi-
nal reference voltage (REFIN(+) − REFIN(−)) is 5 V, but the part can function with a reference of 0.5 V to AVDD.
8
9
REFIN(−)
Negative Reference Input.
9
10
BPDSW
Bridge Power-Down Switch to GND. When PDRST is high, the bridge power-down switch is closed. When
PDRST is low, the switch is opened.
10
11
GND
Ground Reference Point.
11
12
AVDD
Supply Voltage, 2.7 V to 5.25 V.
12
13
DVDD
Digital Interface Supply Voltage. The logic levels for the serial interface pins and the digital control pins
are related to this supply, which is between 2.7 V and 5.25 V. The DVDD voltage is independent of the
voltage on AVDD; therefore, AVDD can equal 5 V with DVDD at 3 V or vice versa.
13
14
PDRST
Power-Down/Reset. When this pin is low, the ADC is placed in power-down mode, and the low-side power
switch is opened. All the logic on the chip is reset, and the DOUT/RDY pin is tristated. When PDRST is high,
the ADC is taken out of power-down mode. The on-chip clock powers up and settles, and the ADC
continuously converts. In addition, the low-side power switch is closed. The internal clock requires
approximately 1 ms to power up.
14
15
FILTER
Filter Select. When FILTER is low, the fast settling filter is selected. The update rate is set to 16.7 Hz, which
gives a filter settling time of 120 ms. When FILTER is high, the high rejection filter is selected. The update
rate is set to 10 Hz, which gives a filter settling time of 300 ms. With this filter, the stop-band (higher than
fADC) attenuation is better than −45 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com