Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9548 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9548 Datasheet HTML 72Page - Analog Devices AD9548 Datasheet HTML 73Page - Analog Devices AD9548 Datasheet HTML 74Page - Analog Devices AD9548 Datasheet HTML 75Page - Analog Devices AD9548 Datasheet HTML 76Page - Analog Devices AD9548 Datasheet HTML 77Page - Analog Devices AD9548 Datasheet HTML 78Page - Analog Devices AD9548 Datasheet HTML 79Page - Analog Devices AD9548 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 112 page
background image
AD9548
Rev. 0 | Page 76 of 112
Table 61. Incremental Closed-Loop Phase Lock Offset Step Size1
Address
Bits
Bit Name
Description
0314
[7:0]
Incremental phase lock
offset step size
(expressed in pico-
seconds per step)
Incremental phase lock offset step size, Bits[7:0]
0315
[7:0]
Incremental phase lock offset step size, Bits[15:8]
1 The default incremental closed-loop phase lock offset step size value is 0x03E8 = 1000 (1 ns).
Table 62. Phase Slew Rate Limit1
Address
Bits
Bit Name
Description
0316
[7:0]
Phase slew limit
(expressed in nano-
seconds per second)
Phase slew rate limit, Bits[7:0]
0317
[7:0]
Phase slew rate limit, Bits[15:8]
1 The default phase slew rate limit is 0 (or disabled).
Table 63. History Accumulation Timer1
Address
Bits
Bit Name
Description
0318
[7:0]
History accumulation
timer (expressed in
milliseconds)
History accumulation timer, Bits[7:0]
0319
[7:0]
History accumulation timer, Bits[15:8]
031A
[7:0]
History accumulation timer, Bits[23:16]
1 Do not program a timer value of 0. The history accumulation timer default value is 0x007530 = 30,000 (30 sec).
Table 64. History Mode
Address
Bits
Bit Name
Description
031B
[7:5]
Unused
[4]
Single-sample fallback
Controls the holdover history. If tuning word history is not available for the reference
that was active just prior to holdover, then
0 (default) = use the free running frequency tuning word register value.
1 = use the last tuning word from the DPLL.
[3]
Persistent history
Controls the holdover history initialization. When switching to a new reference
0 (default) = clear the tuning word history.
1 = retain the previous tuning word history.
[2:0]
Incremental average
History mode value from 0 to 7 (default = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com