Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9548 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9548 Datasheet HTML 28Page - Analog Devices AD9548 Datasheet HTML 29Page - Analog Devices AD9548 Datasheet HTML 30Page - Analog Devices AD9548 Datasheet HTML 31Page - Analog Devices AD9548 Datasheet HTML 32Page - Analog Devices AD9548 Datasheet HTML 33Page - Analog Devices AD9548 Datasheet HTML 34Page - Analog Devices AD9548 Datasheet HTML 35Page - Analog Devices AD9548 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
AD9548
Rev. 0 | Page 32 of 112
DIGITAL PLL (DPLL) CORE
DPLL Overview
A diagram of the digital PLL core of the AD9584 appears in
Figure 37. The phase/frequency detector, feedback path, lock
detectors, phase offset, and phase slew rate limiting that
comprise this second generation DPLL are all digital
implementations.
R + 1
REF A
TDC
AND
PFD
DIGITAL
LOOP
FILTER
DDS/
DAC
DACOUT
CLOSED-LOOP
PHASE OFFSET
PHASE SLEW
LIMIT
LOCK
DETECT
REF DD
DPPL CORE
2
fR
fTDC
fDDS
S + 1 + U/V
Figure 37. Digital PLL Core
The start of the DPLL signal chain is the reference signal, fR,
which is the frequency of the reference input. A reference
prescaler reduces the frequency of this signal by an integer factor,
R + 1, where R is the 30-bit value stored in the appropriate
profile register and 0 ≤ R ≤ 1,073,741,823. Therefore, the freq-
uency at the output of the R-divider (or the input to TDC) is
1
+
=
R
f
f
R
TDC
A time-to-digital converter (TDC) samples the output of the
R-divider. The TDC/PFD produces a time series of digital
words and delivers them to the digital loop filter. The digital
loop filter offers the following advantages:
•
Determination of the filter response by numeric
coefficients rather than by discrete component values
•
The absence of analog components (R/L/C), which
eliminates tolerance variations due to aging
•
The absence of thermal noise associated with analog
components
•
The absence of control node leakage current associated
with analog components (a source of reference feed-
through spurs in the output spectrum of a traditional
analog PLL)
The digital loop filter produces a time series of digital words at
its output and delivers them to the frequency tuning input of a
DDS, with the DDS replacing the function of the VCO in an
analog PLL. The digital words from the loop filter tend to steer
the DDS frequency toward frequency and phase lock with the
input signal (fTDC). The DDS provides an analog output signal
via an integrated DAC, effectively mimicking the operation of
an analog VCO.
The DPLL includes a feedback divider that causes the DDS to
operate at an integer-plus-fractional multiple (S + 1 + U/V) of
fTDC. S is the 30-bit value stored in the profile register and has
a range of 7 ≤ S ≤ 1,073,741,823. U and V are the 10-bit numer-
ator and denominator values of the optional fractional divide
component and are also stored in the profile register. Together
they establish the nominal DDS frequency (fDDS), given by
⎟
⎠
⎞
⎜
⎝
⎛
+
+
+
=
V
U
S
R
f
f
R
DDS
1
1
Normally, fractional-N designs exhibit distinctive phase noise
and spurious artifacts resulting from the modulation of the
integer divider based on the fractional value. Such is not the
case for the AD9548 because it uses a purely digital means to
determine phase errors. Because the phase errors incurred by
modulating the feedback divider are deterministic, it is possible
to compensate for them digitally. The result is a fractional-N
PLL with no discernable modulation artifacts.
TDC/PFD
The TDC is a highly integrated functional block that incor-
porates both analog and digital circuitry. There are two pins
associated with the TDC that the user must connect to external
components. Figure 38 shows the recommended component
values and their connections.
For best performance, place components as close as possible to
the device pins. Components with low effective series resistance
(ESR) and low parasitic inductance yield the best results.
AD9548
10µF
0.1µF
0.1µF
0.1µF
TDC_VRT
TDC_VRB
58
57
Figure 38. TDC Pin Connections
The phase-frequency detector (PFD) is an all-digital block. It
compares the digital output from the TDC (which relates to the
active reference edge) with the digital word from the feedback
block (which relates to the rollover edge of the DDS
accumulator after division by the feedback divider). It uses a
digital code pump and digital integrator (rather than a
conventional charge pump and capacitor) to generate the error
signal that steers the DDS frequency toward phase lock.
Closed-Loop Phase Offset
The all-digital nature of the TDC/PFD provides for numerical
control of the phase offset between the reference and feedback
edges. This allows the user to adjust the relative timing of the
distribution output edges relative to the reference input edges
by programming the 40-bit fixed phase lock offset register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com