Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9547/PCBZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9547/PCBZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547/PCBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9547/PCBZ Datasheet HTML 33Page - Analog Devices AD9547/PCBZ Datasheet HTML 34Page - Analog Devices AD9547/PCBZ Datasheet HTML 35Page - Analog Devices AD9547/PCBZ Datasheet HTML 36Page - Analog Devices AD9547/PCBZ Datasheet HTML 37Page - Analog Devices AD9547/PCBZ Datasheet HTML 38Page - Analog Devices AD9547/PCBZ Datasheet HTML 39Page - Analog Devices AD9547/PCBZ Datasheet HTML 40Page - Analog Devices AD9547/PCBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 104 page
background image
AD9547
Rev. 0 | Page 37 of 104
Recovery from Holdover
System Clock Period
When in holdover, if a valid reference becomes available, the
device exits holdover operation. The loop state machine restores
the DPLL to closed-loop operation, locks to the selected reference,
and sequences the recovery of all the loop parameters based on
the profile settings for the active reference.
Many of the user-programmable parameters of the AD9547 have
absolute time units. To make this possible, the AD9547 requires
a priori knowledge of the period of the system clock. To accom-
modate this requirement, the user programs the 21-bit nominal
system clock period in the nominal SYSCLK period register
(Address 0x0103 to Address 0x0105). The contents of this register
reflect the actual period of the system clock in units of femto-
seconds (fs). The user must program this register properly to
ensure proper operation of the device because many of its
subsystems rely on this value.
Note that if the user holdover bit (Register 0x0A01, Bit 6) is set,
the device does not automatically exit holdover when a valid
reference is available. However, automatic recovery can occur
after clearing the user holdover bit.
SYSTEM CLOCK INPUTS
System Clock Details
Functional Description
A block diagram of the system clock appears in Figure 43. The
signal at the SYSCLKx input pins becomes the internally
buffered DAC sampling clock (fS) via one of three paths.
The system clock circuit provides a low jitter, stable, high fre-
quency clock for use by the rest of the chip. The user has the
option of directly driving the SYSCLKx inputs with a high
frequency clock source at the desired system clock rate.
Alternatively, the SYSCLKx input can be configured to operate
in conjunction with the internal SYSCLK PLL. The SYSCLK
PLL can synthesize the system clock by means of a crystal
resonator connected across the SYSCLKx input pins or by
means of direct application of a low frequency clock source.
High frequency direct (HF)
Low frequency synthesized (LF)
Crystal resonator synthesized (XTAL)
Note that both the LF and XTAL paths require the use of the
SYSCLK PLL (see the SYSCLK PLL Multiplier section).
The main purpose of the HF path is to allow the direct use of
a high frequency (500 MHz to 1 GHz) external clock source for
clocking the AD9547. This path is optimized for high frequency
and low noise floor. Note that the HF input also provides a path
to SYSCLK PLL (see the SYSCLK PLL Multiplier section), which
includes an input divider (M) programmable for divide-by −1,
−2, −4, or −8. The purpose of the divider is to limit the frequency
at the input to the PLL to less than 150 MHz, which is the maxi-
mum PFD rate.
The SYSCLKx inputs are internally biased to a dc level of ~1 V.
Take care to ensure that any external connections do not disturb
the dc bias because such a disturbance can significantly degrade
performance. Generally, the SYSCLKx inputs should be ac-coupled
to the signal source (except when using a crystal resonator).
÷N
VCO
CALIBRATION
LOCK
DETECT
SYSTEM
CLOCK
÷M
LOOP
FILTER
SYSCLKN
SYSCLKP
SYSCLK_VREG
SYSCLK_LF
HF
XTAL
LF
34
37
38
35
PFD
AND
CHARGE
PUMP
Figure 43. System Clock Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com