Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCLK950 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCLK950
Description  Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK950 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCLK950 Datasheet HTML 4Page - Analog Devices ADCLK950 Datasheet HTML 5Page - Analog Devices ADCLK950 Datasheet HTML 6Page - Analog Devices ADCLK950 Datasheet HTML 7Page - Analog Devices ADCLK950 Datasheet HTML 8Page - Analog Devices ADCLK950 Datasheet HTML 9Page - Analog Devices ADCLK950 Datasheet HTML 10Page - Analog Devices ADCLK950 Datasheet HTML 11Page - Analog Devices ADCLK950 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADCLK950
Rev. 0 | Page 8 of
12
1.42
1.56
1.54
1.52
1.50
1.48
1.46
1.44
–90
–170
–160
–150
–140
–130
–120
–110
–100
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
2.75 2.85 2.95 3.05 3.15 3.25 3.35 3.45 3.55 3.65 3.75
POWER SUPPLY (V)
+85°C
+25°C
–40°C
Figure 9. Differential Output Voltage Swing vs. Power Supply Voltage vs.
Temperature, VID = 1.6 V p-p
400
350
300
250
200
150
100
ICC
IEE
50
2.75
3.75
3.50
3.25
3.00
SUPPLY VOLTAGE (V)
+85°C
+25°C
–40°C
Figure 10. Power Supply Current vs. Power Supply Voltage vs. Temperature,
All Outputs Loaded (50 Ω to VCC − 2 V)
CLOCK SOURCE
ADCLK950
ABSOLUTE PHASE NOISE MEASURED @ 1GHz WITH AGILENT
E5052 USING WENZEL CLOCK SOURCE CONSISTING OF A
WENZEL 100MHz CRYSTAL OSCILLATOR (P/N 500-06672),
WENZEL 5× MULTIPLIER (P/N LNOM-100-5-13-14-F-A), AND A
WENZEL 2× MULTIPLIER (P/N LNDD-500-14-14-1-D).
300
250
200
150
100
50
0
025
20
15
10
5
INPUT SLEW RATE (V/ns)
Figure 11. Absolute Phase Noise Measured @1 GHz
Figure 12. RMS Random Jitter vs. Input Slew Rate, VID Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com