Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCLK950 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCLK950
Description  Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK950 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCLK950 Datasheet HTML 4Page - Analog Devices ADCLK950 Datasheet HTML 5Page - Analog Devices ADCLK950 Datasheet HTML 6Page - Analog Devices ADCLK950 Datasheet HTML 7Page - Analog Devices ADCLK950 Datasheet HTML 8Page - Analog Devices ADCLK950 Datasheet HTML 9Page - Analog Devices ADCLK950 Datasheet HTML 10Page - Analog Devices ADCLK950 Datasheet HTML 11Page - Analog Devices ADCLK950 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADCLK950
Rev. 0 | Page 12 of 12
COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-2
OUTLINE DIMENSIONS
1
40
10
11
29
28
20
19
3.05
2.90 SQ
2.75
TOP VIEW
6.00
BSC SQ
5.75
BSC SQ
COPLANARITY
0.08
4.50
REF
0.50
0.40
0.30
0.50
BSC
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
EXPOSED
PAD
BOTTOM VIEW
PIN 1
INDICATOR
0.30
0.23
0.18
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
0.05 MAX
0.02 NOM
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 24. 40-Lead Lead Frame Chip Scale Package [LF
CSP_VQ]
6 mm × 6 mm Body, Very Thin Quad
(CP-40-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADCLK950BCPZ1
−40°C to +85°C
40-Lead LFCSP_VQ
CP-40-8
ADCLK950BCPZ-REEL71
−40°C to +85°C
40-Lead LFCSP_VQ
CP-40-8
ADCLK950/PCBZ1
Evaluation Board
1 Z = RoHS Compliant Part.
©2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08279-0-7/09(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com