Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1613 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1613
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1613 Datasheet HTML 2Page - Analog Devices ADP1613 Datasheet HTML 3Page - Analog Devices ADP1613 Datasheet HTML 4Page - Analog Devices ADP1613 Datasheet HTML 5Page - Analog Devices ADP1613 Datasheet HTML 6Page - Analog Devices ADP1613 Datasheet HTML 7Page - Analog Devices ADP1613 Datasheet HTML 8Page - Analog Devices ADP1613 Datasheet HTML 9Page - Analog Devices ADP1613 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 6 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VEN = VIN and TA = 25°C, unless otherwise noted.
100
90
80
70
60
50
40
30
1
10
100
1k
LOAD CURRENT (mA)
VIN = 3.3V
fSW = 650kHz
TA = 25°C
VOUT = 5V
VOUT = 12V
VOUT = 15V
ADP1612
Figure 4. ADP1612 Efficiency vs. Load Current, VIN = 3.3 V, fSW = 650 kHz
100
90
80
70
60
50
40
30
1
10
100
1k
LOAD CURRENT (mA)
VIN = 3.3V
fSW = 1.3MHz
TA = 25°C
VOUT = 5V
VOUT = 12V
VOUT = 15V
ADP1612
Figure 5. ADP1612 Efficiency vs. Load Current, VIN = 3.3 V, fSW = 1.3 MHz
100
90
80
70
60
50
40
30
1
10
100
1k
LOAD CURRENT (mA)
VIN = 5V
fSW = 650kHz
TA = 25°C
VOUT = 12V
VOUT = 15V
ADP1612
Figure 6. ADP1612 Efficiency vs. Load Current, VIN = 5 V, fSW = 650 kHz
100
90
80
70
60
50
40
30
1
10
100
1k
LOAD CURRENT (mA)
VIN = 5V
fSW = 1.3MHz
TA = 25°C
VOUT = 12V
VOUT = 15V
ADP1612
Figure 7. ADP1612 Efficiency vs. Load Current, VIN = 5 V, fSW = 1.3 MHz
100
90
80
70
60
50
40
30
1
10
100
1k
LOAD CURRENT (mA)
VIN = 5V
fSW = 650kHz
TA = 25°C
VOUT = 12V
VOUT = 15V
VOUT = 20V
ADP1613
Figure 8. ADP1613 Efficiency vs. Load Current, VIN = 5 V, fSW = 650 kHz
100
90
80
70
60
50
40
30
1
10
100
1k
LOAD CURRENT (mA)
VIN = 5V
fSW = 1.3MHz
TA = 25°C
VOUT = 12V
VOUT = 15V
VOUT = 20V
ADP1613
Figure 9. ADP1613 Efficiency vs. Load Current, VIN = 5 V, fSW = 1.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com