Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1613 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1613
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1613 Datasheet HTML 5Page - Analog Devices ADP1613 Datasheet HTML 6Page - Analog Devices ADP1613 Datasheet HTML 7Page - Analog Devices ADP1613 Datasheet HTML 8Page - Analog Devices ADP1613 Datasheet HTML 9Page - Analog Devices ADP1613 Datasheet HTML 10Page - Analog Devices ADP1613 Datasheet HTML 11Page - Analog Devices ADP1613 Datasheet HTML 12Page - Analog Devices ADP1613 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 9 of 28
660
650
640
630
620
610
600
590
580
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
TA = +25°C
TA = +125°C
TA = –40°C
ADP1612/ADP1613
Figure 22. ADP1612/ADP1613 Frequency vs. Input Voltage, fSW = 650 kHz
1.32
1.30
1.28
1.26
1.24
1.22
1.20
1.18
1.16
1.14
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
TA = +25°C
TA = +125°C
TA = –40°C
ADP1612/ADP1613
Figure 23. ADP1612/ADP1613 Frequency vs. Input Voltage, fSW = 1.3 MHz
7
6
5
4
3
2
1
0
0
0.51.01.52.02.53.0
3.54.04.55.05.5
EN PIN VOLTAGE (V)
TA = +25°C
TA = +125°C
TA = –40°C
ADP1612/ADP1613
Figure 24. ADP1612/ADP1613 EN Pin Current vs. EN Pin Voltage
5.1
5.0
4.9
4.8
4.7
4.6
4.5
–40
–10
20
50
80
110
TEMPERATURE (°C)
VIN = 1.8V
VIN = 3.6V
VIN = 5.5V
ADP1612/ADP1613
Figure 25. ADP1612/ADP1613 SS Pin Current vs. Temperature
92.8
92.6
92.4
92.2
92.0
91.8
91.6
91.4
91.2
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
TA = +25°C
TA = +125°C
TA = –40°C
ADP1612/ADP1613
Figure 26. ADP1612/ADP1613 Maximum Duty Cycle vs. Input Voltage,
fSW = 650 kHz
93.4
93.2
93.0
92.8
92.6
92.4
92.2
92.0
91.8
91.6
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
TA = +25°C
TA = +125°C
TA = –40°C
ADP1612/ADP1613
Figure 27. ADP1612/ADP1613 Maximum Duty Cycle vs. Input Voltage,
fSW = 1.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com