Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATSS0021SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0021SMB
Description  Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0021SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0021SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0021SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0021SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator, 15.5 dB, 5-Bit
DC - 2.0 GHz
Rev. V1
MAATSS0021
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 0.5 dB Attenuation Steps to 15.5 dB
• Ultra Low DC Power Consumption
• Low Intermodulation Product: +45 dBm IP3
• Tape and Reel Packaging Available
• Temperature Stability: +/-0.15 dB from -40°C to
+85°C
• Lead-Free SOIC-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT-280
Description
M/A-COM’s MAATSS0021 is a 5-bit, 0.5-dB step
GaAs MMIC digital attenuator in a lead-free SOIC-
16
surface
mount
plastic
package.
The
MAATSS0021 is ideally suited for use where high
accuracy,
fast
switching,
very
low
power
consumption and low intermodulation products are
required at a low cost.
Typical
applications
include
radio
and
cellular
equipment, wireless LANS, GPS equipment and
other gain/level control circuits.
The MAATSS0021 is fabricated with a monolithic
GaAs MMIC using a mature 1-micron process. The
process features full chip passivation for increased
performance and reliability.
Functional Schematic
16
15
14
13
12
11
1
2
3
4
5
6
7
8
10
9
8 dB
4 dB
2 dB
1 dB
0.5 dB
Ordering Information
1
Part Number
Package
MAATSS0021
Bulk Packaging
MAATSS0021TR-3000
3000 piece reel
MAATSS0021SMB
Sample Board
1. Reference Application Note M513 for reel size information.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VC1
9
RF2
2
VC1
10
Ground
3
VC2
11
Ground
4
VC2
12
Ground
5
VC3
13
Ground
6
VC3
14
Ground
7
VC4
15
Ground
8
VC5
16
RF1
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power:
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V < VC < +5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAATSS0021SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0021SMB MACOM-MAATSS0021SMB Datasheet
176Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021SMB MA-COM-MAATSS0021SMB Datasheet
551Kb / 4P
Digital Attenuator, 15.5 dB, 5-Bit
More results

Similar Description - MAATSS0021SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
logo
Tyco Electronics
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT65-0283 MA-COM-AT65-0283 Datasheet
126Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com