Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATSS0021SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0021SMB
Description  Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0021SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0021SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0021SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0021SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Digital Attenuator, 15.5 dB, 5-Bit
DC - 2.0 GHz
Rev. V1
MAATSS0021
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min
Typ
Max
Reference Insertion Loss
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
dB
1.1
1.3
1.5
1.8
2.0
Attenuation Accuracy
4
DC - 2.0 GHz
± (0.30 dB +3% of Attenuation Setting in dB) dB
VSWR
(Any state)
Ratio
1.5:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
12
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
18
Transients
In Band
mV
30
1 dB Compression
Input Power, 0.05 GHz
Input Power, 0.5 - 2.0 GHz
dBm
dBm
22
27
IP2
0.05 GHz
0.5 - 2.0 GHz
Measured Relative to Input Power
(for two-tone input power up to +5 dBm)
dBm
dBm
53
68
IP3
0.05 GHz
0.5 - 2.0 GHz
Measured Relative to Input Power
(for two-tone input power up to +5 dBm)
dBm
dBm
40
45
4. Attenuation acccuracy specifications apply with negative bias control and low inductance grounding.
Truth Table
0 = Vin Low = 0 V = 0 to –0.2 V @ 20 µA maximum
1 = Vin High = -5 V at 20 µA to -8 V at 20 µA maximum
Lead-Free SOIC-16
Reference Application Note M538 for lead-free solder reflow
recommendations.
VC5 VC4 VC3 VC3 VC2 VC2 VC1 VC1 Atten.
1
1
1
0
1
0
1
0
Refer-
ence
0
1
1
0
1
0
1
0
0.5 dB
1
0
1
0
1
0
1
0
1 dB
1
1
0
1
1
0
1
0
2 dB
1
1
1
0
0
1
1
0
4 dB
1
1
1
0
1
0
0
1
8 dB
0
0
0
1
0
1
0
1
15.5 dB
Control Inputs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com