Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL32IB Datasheet(PDF) 82 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 82 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 78Page - Exar Corporation XRT86VL32IB Datasheet HTML 79Page - Exar Corporation XRT86VL32IB Datasheet HTML 80Page - Exar Corporation XRT86VL32IB Datasheet HTML 81Page - Exar Corporation XRT86VL32IB Datasheet HTML 82Page - Exar Corporation XRT86VL32IB Datasheet HTML 83Page - Exar Corporation XRT86VL32IB Datasheet HTML 84Page - Exar Corporation XRT86VL32IB Datasheet HTML 85Page - Exar Corporation XRT86VL32IB Datasheet HTML 86Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 154 page
background image
XRT86VL3X
75
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.3
Figure 83 shows the waveforms for connecting the Transmit non-multiplexed high-speed Input Interface block
to local Terminal Equipment. Figure 84 shows the waveforms for connecting the Receive non-multiplexed
high-speed Input Interface block to local Terminal Equipment.
FIGURE 82. RECEIVE NON-MULTIPLEXED HIGH-SPEED CONNECTION TO LOCAL TERMINAL EQUIPMENT USING MVIP
2.048MBIT/S, 4.096MBIT/S, OR 8.192MBIT/S
FIGURE 83. WAVEFORMS FOR CONNECTING THE TRANSMIT NON-MULTIPLEXED HIGH-SPEED INPUT INTERFACE AT
MVIP 2.048MBIT/S, 4.096MBIT/S, AND 8.192MBIT/S
RxSERCLK0
RxSER0
RxMSYNC0
RxSYNC0
Receive
Payload
Data Input
Interface
Chn 0
Receive
Payload
Data Input
Interface
Chn N
Terminal
Equipment
XRT86VL3x
RxSERCLKn
RxSERn
RxMSYNCn
RxSYNCn
RxSERCLK = 2.048/4.096/8.192MHz
TxSERCLK
(1.5 MHz)
TxSERCLK (INV)
TxSER
TxSYNC(input)
TxCHCLK(INV)
TxCHN[0]/TxSig
TxCHN[1]/TxFrTD
F
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
C
A B
D
Don't Care
C
A B
D
Don't Care
C
A B
D
Don't Care
Don't Care
C
A B
D
Don't Care
Note: The following signals are not aligned with the signals shown above. The TxTSClk is derived from 1.544MHz transmit clock.
Don't Care
8
7
6
5
4
3
2
1
Don't Care
8
7
6
5
4
3
2
1
TxMSYNC
(2/4/8MHz)
Don't Care
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com