Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL32IB Datasheet(PDF) 83 Page - Exar Corporation

Part # XRT86VL32IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 83 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 79Page - Exar Corporation XRT86VL32IB Datasheet HTML 80Page - Exar Corporation XRT86VL32IB Datasheet HTML 81Page - Exar Corporation XRT86VL32IB Datasheet HTML 82Page - Exar Corporation XRT86VL32IB Datasheet HTML 83Page - Exar Corporation XRT86VL32IB Datasheet HTML 84Page - Exar Corporation XRT86VL32IB Datasheet HTML 85Page - Exar Corporation XRT86VL32IB Datasheet HTML 86Page - Exar Corporation XRT86VL32IB Datasheet HTML 87Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 154 page
background image
XRT86VL3X
76
REV. 1.2.3
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
8.2.3
Multiplexed High-Speed Mode
When the Back-plane interface data rate is 12.352Mbit/s, 16.384Mbit/s, HMVIP 16.384Mbit/s, and H.100
16.384Mbit/s, the interface signals are all configured as inputs, except the receive serial data on RxSER and
the multi frame sync pulse provided by the framer. The Back-plane Interface is processing data through
TxSER0 or TxSER4 pins at 12.352Mbit/s or 16.384Mbit/s. The local Terminal Equipment multiplexes payload
and signaling data of every four channels into one serial data stream. Payload and signaling data of Channel 0-
3 are multiplexed onto the Transmit Serial Data pin of Channel 0. Payload and signaling data of Channel 4-7
are multiplexed onto the Transmit Serial Data pin of Channel 4.
Free-running clocks of 12.352MHz are
supplied to the Transmit Input Clock pin of Channel 0 and Channel 4 of the framer. The local Terminal
Equipment provides multiplexed payload data at rising edge of this Transmit Input Clock. The Transmit High-
speed Back-plane Interface of the framer then latches incoming serial data at falling edge of the clock.
Transmit 12.352 Bit-Multiplexed Mode
The local Terminal Equipment maps four 1.544Mbit/s DS1 data streams into one 12.352Mbit/s serial data
stream as described below:
1. The F-bit of four channels are repeated and grouped together to form the first octet of the multiplexed data
stream. The F-bit of Channel 0 is sent first, followed by F-bit of Channel 1 and 2. The F-bit of Channel 3 is
sent last. The table below shows bit-pattern of the first octet.
FX: F-bit of Channel X
2. Payload data of four channels are repeated and grouped together in a bit-interleaved way. The first pay-
load bit of Timeslot 0 of Channel 0 is sent first, followed by the first payload bit of Timeslot 0 of Channel 1
and 2. The first payload bit of Timeslot 0 of Channel 3 is sent last. After the first bits of Timeslot 0 of all four
FIGURE 84. WAVEFORMS FOR CONNECTING THE RECEIVE NON-MULTIPLEXED HIGH-SPEED INPUT INTERFACE AT
MVIP 2.048MBIT/S, 4.096MBIT/S, AND 8.192MBIT/S
BIT PATTERN OF THE FIRST OCTET
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
F0
F0
F1
F1
F2
F2
F3
F3
RxSER
RxSYNC(input)
RxCHCLK(INV)
RxCHN[0]/RxSig
RxCHN[1]/RxFrTD
F
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
C
A B
D
Don't Care
C
A B
D
Don't Care
C
A B
D
Don't Care
C
A B
D
Don't Care
Note: The following signals are not aligned with the signals shown above. The RxTSClk is derived from 1.544MHz transmit clock.
Don't Care
8
7
6
5
4
3
2
1
Don't Care
8
7
6
5
4
3
2
1
Don't Care
Don't care
Don't care
RxSERCLK
(2/4/8MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com