Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP491 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP491
Description  Full Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP491 Datasheet(HTML) 1 Page - Exar Corporation

  SP491 Datasheet HTML 1Page - Exar Corporation SP491 Datasheet HTML 2Page - Exar Corporation SP491 Datasheet HTML 3Page - Exar Corporation SP491 Datasheet HTML 4Page - Exar Corporation SP491 Datasheet HTML 5Page - Exar Corporation SP491 Datasheet HTML 6Page - Exar Corporation SP491 Datasheet HTML 7Page - Exar Corporation SP491 Datasheet HTML 8Page - Exar Corporation SP491 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP490,49_00_07408
FEATURES
• +5V Only
• Low Power BiCMOS
• Driver/Receiver Enable (SP49)
• RS-485 and RS-422 Drivers/Receivers
• Pin Compatible with LTC490 and
SN7579 (SP490)
• Pin Compatible with LTC49 and
SN7580 (SP49)
The
SP490 is a low power differential line driver/receiver meeting RS-485 and RS-422
standards up to 5Mbps. The
SP491 is identical to the SP490 with the addition of driver and
receiver tri-state enable lines. Both products feature ±200mV receiver input sensitivity, over
wide common mode range. The
SP490 is available in 8-pin plastic DIP and 8-pin NSOIC
packages for operation over the commercial and industrial temperature ranges. The
SP491
is available in 4-pin DIP and 4-pin NSOIC packages for operation over the commercial
and industrial temperature ranges.
SP490
SP491
DESCRIPTION
BLOCKDIAGRAMS
Now Available in Lead Free Packaging
FullDuplexRS-485Transceivers
SP490andSP491


Similar Part No. - SP491

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP491 SIPEX-SP491 Datasheet
83Kb / 12P
Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491 EXAR-SP491 Datasheet
453Kb / 11P
Full Duplex RS-485 Transceivers
logo
Zarlink Semiconductor I...
SP4916 ZARLINK-SP4916 Datasheet
220Kb / 5P
2쨌5GHz /4512 PRESCALER
SP4916NA ZARLINK-SP4916NA Datasheet
220Kb / 5P
2쨌5GHz /4512 PRESCALER
SP4916NADP ZARLINK-SP4916NADP Datasheet
220Kb / 5P
2쨌5GHz /4512 PRESCALER
More results

Similar Description - SP491

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
Full Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com