Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP619 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP619
Description  High Current Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP619 Datasheet(HTML) 2 Page - Exar Corporation

  SP619 Datasheet HTML 1Page - Exar Corporation SP619 Datasheet HTML 2Page - Exar Corporation SP619 Datasheet HTML 3Page - Exar Corporation SP619 Datasheet HTML 4Page - Exar Corporation SP619 Datasheet HTML 5Page - Exar Corporation SP619 Datasheet HTML 6Page - Exar Corporation SP619 Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
April 2008 Rev L
SP619 High Current Power Switch
© 2008 EXAR Corporation
2
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
IN
= 4.5V - 5.5V, CIN = 0.1µF, TA = -10°C to + 85°C
These are stress ratings only and functional op-
eration of the device at these ratings or any other
above those indicated in the operation sections of
absolute maximum rating conditions for extended
periods of time may affect reliability.
CONDITIONS
MIN
TYP (Note 1)
MAX
UNITS
Operating Input Voltage
Range
4.5
5.5
V
Overcurrent Deactivation
Range
620
800
1010
mA
Overcurrent Duration Be-
fore Deactivation
1
5.25
ms
Shutdown Supply Current
VIN=4.5V
2
µA
Quiescent Supply Current
IN
=4.5V
IOUT=0mA
350
µA
Quiescent Supply Current
IN
=4.5V
IOUT=725mA
5.25
mA
RDS(ON)VIN=4.5V IOUT=100mA
.377
Post Fault Output Load for
Recovery
10
15
23
Post Fault Activation Turn
On Time
155
ms
Thermal Shutdown Die
Temperature
SP619 will self recover
when temperature drops
below the trip point .
120
150
180
°C
Thermal Restart Die Tem-
perature
90
120
135
°C
Driver is disabled
.5
V
Driver is active
.655
1.4
V
Turn On Delay
RL
L
= 0.01µF
(Note 2,3)
600
µs
Turn Off Delay
RL
L
= 0.01µF
(Note 2,4)
200
µs
Rise Time
RL
L
= 0.01µF
(Note 2)
100
µs
Fall Time
RL
L
= 0.01µF
(Note 2)
2500
µs
VIN……….…………………………….….…-0.3V to 7V
Storage Temperature..…....……….… -65°C to 150°C
Junction Temperature..................... ……..…….150°C
Lead Temperature (Soldering, 10 sec)......…….300°C
Human Body Model……………………….…….2000V
Machine Model…………………………………....200V
Thermal resistance SOT23-6
Junction to Ambient……………………….….….191°C
Junction to lead ……………………...……………50°C
J
=25°C
current value.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com