Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP619 Datasheet(PDF) 7 Page - Exar Corporation

Part # SP619
Description  High Current Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP619 Datasheet(HTML) 7 Page - Exar Corporation

  SP619 Datasheet HTML 1Page - Exar Corporation SP619 Datasheet HTML 2Page - Exar Corporation SP619 Datasheet HTML 3Page - Exar Corporation SP619 Datasheet HTML 4Page - Exar Corporation SP619 Datasheet HTML 5Page - Exar Corporation SP619 Datasheet HTML 6Page - Exar Corporation SP619 Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
April 2008 Rev L
SP619 High Current Power Switch
© 2008 EXAR Corporation
ORDERING INFORMATION
/TR = Tape and Reel.
Part number
Temperature range
Package Type
From -10 to +85ºC
Lead Free 6 pin SOT23
From -10 to +85ºC
Lead Free 6 pin SOT23
For further assistance:
Email: customersupport@exar.com
EXAR Technical Documentation: http://www.exar.com/TechDoc/default.aspx?
Exar CorporationHeadquarters and Sales Office
48720 Kato Road
Fremont, CA 94538
main: 510-668-7000
fax: 510-668-7030
EXAR Corporation reserves the right to make changes to the products contained in this publication in order
to improve design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any
circuits described herein, conveys no license under any patent or other right, and makes no representation
that the circuits are free of patent infringement. Charts and schedules contained here in are only for illustration
purposes and may vary depending upon a user’s specific application. While the information in this publication
has been carefully checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the
failure or malfunction of the product can reasonably be expected to cause failure of the life support system or
to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless
EXAR Corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has
been minimized; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately
protected under the circumstances.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com