Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3072EEN-L/TR Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3072EEN-L/TR
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3072EEN-L/TR Datasheet(HTML) 4 Page - Exar Corporation

  SP3072EEN-L/TR Datasheet HTML 1Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 2Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 3Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 4Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 5Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 6Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 7Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 8Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
4
ElECTRICal CHaRaCTERISTICS
Unless otherwise noted V
CC = +3.3 ±0.3V, ambient temperature TMIN < TA < TMAX. Typical values are at VCC = 3.3,
ambient temperature T
A = +25ºC. The ♦ denotes the specifications which apply over the full operating range un-
less otherwise noted.
PARAMETERS
SYM
MIN TYP MAX UNITS ♦
CONDITIONS
Input Current (A and B)
Half Duplex
I
A,B
125
µA
♦
DE = GND
V
CC = GND or 3.6
V
IN = +12V
-100
V
IN = -7V
Thermal-Shutdown Threshold
T
TS
165
ºC
♦
Thermal Shutdown Hysteresis
T
TSH
15
ºC
♦
RECEIVER
Receiver Differential Threshold
(Sensitivity)
V
TH
-200 -125 -50
mV
-7V≤V
CM ≤ 1 2 V
Receiver Input Hysteresis
∆ V
TH
15
mV
♦
Va + Vb = 0V
RO Output High Voltage
V
OH
Vcc -
0.6
V
♦
I
O = -1mA
RO Output Low Voltage
V
OL
0.4
V
♦
I
O = 1mA
Tri-State Output Current at
Receiver
I
OZR
+/-1
µA
♦
0≤V
O ≤ V CC
Receiver Input Resistance
R
IN
96
kΩ
♦
-7V ≤V
CM ≤ 1 2 V
Receiver Output Short-Circuit
Current
I
OZR
±60
mA
0V ≤V
RO ≤ V CC
SUPPLY CURRENT
Supply Current
I
CC
0.8
1.5
mA
♦
No Load, RE = 0, DE = V
CC
0.8
1.5
No Load, RE = V
CC , DE = VCC
0.8
1.5
No Load, RE = 0, DE = 0
Supply Current in Shutdown
mode
I
SHDN
0.05
3
µA
RE = V
CC , DE = GND
ESD PROTECTION
ESD Protection for Y, Z, A, and B
±15
kV
♦
Human Body Model
±15
Air Gap (IEC 1000-4-2)
±8
Contact (IEC 1000-4-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com