Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3072EEN-L/TR Datasheet(PDF) 6 Page - Exar Corporation

Part # SP3072EEN-L/TR
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3072EEN-L/TR Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP3072EEN-L/TR Datasheet HTML 2Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 3Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 4Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 5Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 6Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 7Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 8Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 9Page - Exar Corporation SP3072EEN-L/TR Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
6
RECEIVER SWITCHING CHaRaCTERISTICS
DRIVER SWITCHING CHaRaCTERISTICS
Unless otherwise noted V
CC = +3.3 ±0.3V, ambient temperature TMIN < TA < TMAX. Typical values are at VCC = 3.3,
ambient temperature T
A = +25ºC.
Unless otherwise noted V
CC = +3.3 ±0.3V, ambient temperature TMIN < TA < TMAX. Typical values are at VCC = 3.3,
ambient temperature T
A = +25ºC.
SP3073E, SP3074E & SP3075E Driver Switching Characteristics
DRIVER CHARACTERISTICS:
Conditions
Min. Typ. Max. Unit
Data Signaling Rate
Duty Cycle 40 to 60%
500
Kbps
Driver Propagation Delay (tPHL, tPLH)
RL = 54Ω, CL = 50pF,
Figure 2 & 3
180
800
ns
Driver Output Rise/Fall Time (tR, tF)
200
800
ns
Driver Differential Skew (tPLH – tPHL)
100
ns
Driver Enable to Output High (tZH)
RL = 500Ω, CL = 50pF,
Figure 4 & 5
2500 ns
Driver Enable to Output Low (tZL)
2500 ns
Driver Disable from Output High (tHZ)
100
ns
Driver Disable from Output Low (tLZ)
100
ns
Driver Enable from Shutdown to Output
High (tZH(SHDN))
Figure 4
4500 ns
Driver Enable from Shutdown to Output
Low (tZL(SHDN))
Figure 5
4500 ns
Time to Shutdown (tSHDN)
50
200 600
ns
SP3073E, SP3074E & SP3075E Receiver Switching Characteristics
RECEIVER CHARACTERISTICS:
Conditions
Min. Typ. Max. Unit
Data Signaling Rate
Duty Cycle 40 to 60%
500
Kbps
Receiver Propagation Delay (tPLH, tPHL)
Cl=15pF, Figure 6 & 7
200
ns
Propagation Delay Skew (tPLH, tPHL)
30
ns
Receiver Enable to Output High (tZH)
Figure 8
50
ns
Receiver Enable to Output Low (tZL)
Figure 8
50
ns
Receiver Disable from Output High (tHZ)
Figure 8
50
ns
Receiver Disable from Output Low (tLZ)
Figure 8
50
ns
Receiver Enable from Shutdown to Output
High
Figure 8
4000 ns
Receiver Enable from Shutdown to Output
Low
Figure 8
4000 ns
Time to Shutdown (tSHDN)
50
200 600
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com