Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC23M28 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC23M28
Description  8KBIT MEMORY CARD IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC23M28 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC23M28 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SC23M28
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.07.21
Http: www.silan.com.cn
Page 1 of 10
8K-BIT MEMORY CARD IC
DESCRIPTION
SC23M28 is a smart card module utilizing CMOS EEPROM technology.
1024 bytes main memory with write-protect function and programmable
security code. And the periphery interface is compatible with ISO7816
agreement (synchronous propagation).
FEATURES
* 1024 X 8 bit EEPROM
* Byte addressing
* Permanent write-protect for each byte
* 1024 X 1bit memory protection
* Serial three buses interface
* More than 100,000 times write endurance cycles
* Data retention of more than 10 years
* Contact definition and serial interface comply to ISO7816 specification
(synchronous propagation)
* 2Byte programmable security code PSC(Programmable Security
Code),
and the data can be changed only when pass the PSC
authentication
* Compatible with SLE4428
APPLICATIONS
* Used for various IC cards.
ORDERING INFORMATION
Device
Package
SC23M28A
P8-13
SC23M28B
MCTS012106
SC23M28C
P8-12
SC23M28D
FPC-1
BLOCK DIAGRAM


Similar Part No. - SC23M28

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC23M42A SILAN-SC23M42A Datasheet
252Kb / 11P
256BYTE MEMORY CARD IC
More results

Similar Description - SC23M28

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Rohm
BD3532F ROHM-BD3532F Datasheet
231Kb / 6P
Regulator IC for Memory Termination
logo
Asahi Kasei Microsystem...
AK6480C AKM-AK6480C Datasheet
173Kb / 15P
8Kbit Serial CMOS EEPROM
logo
EM Microelectronic - MA...
EMTG96 EMMICRO-EMTG96 Datasheet
72Kb / 3P
96kB FLASH Memory Smart Card IC
logo
Toshiba Semiconductor
TLP3113 TOSHIBA-TLP3113_07 Datasheet
176Kb / 6P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3114 TOSHIBA-TLP3114_07 Datasheet
176Kb / 6P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
logo
Silan Microelectronics ...
SC23M42A SILAN-SC23M42A Datasheet
252Kb / 11P
256BYTE MEMORY CARD IC
SC23R01 SILAN-SC23R01 Datasheet
148Kb / 6P
8KBIT CONTACTLESS IC CARD
logo
Rohm
BD3538FVM ROHM-BD3538FVM Datasheet
126Kb / 5P
Regulator IC for Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com