Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC23M28 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC23M28
Description  8KBIT MEMORY CARD IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC23M28 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC23M28 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC23M28 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SC23M28
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.07.21
Http: www.silan.com.cn
Page 3 of 10
PIN CONFIGURATION
1
2
3
4
8
7
6
5
VCC
RST
CLK
NC
NC
NC
I/O
GND
(Contact of the card)
PIN DESCRIPTIONS
Pin No.
Symbol
I/O
Description
1
VCC
--
Power supply voltage is 5V
2
RST
I
Reset signal
3
CLK
I
Clock signal
4
NC
--
No connect
5
GND
--
Ground
6
NC
--
No connect
7
I/O
I/O
Data bus(open-drain output)
8
NC
--
No connect
FUNCTION DESCRIPTIONS
SC23M28 provides 1024×8 bits EEPROM memory units with write-protect for each bit. Except PSC
(Programmable Security Code) memory unit, all units are readable. The unit can be erased and written before the
write-protect is active, or else the unit is only readable. The bit with write-protection can be programmed only
once, and cannot be erased. The chip has one 8-bit error register which provides 8 times continuous PSC
authentication, after 8 times the chip cannot be erased and written.
1. Reset and reset acknowledge
The chip enters the power on reset state when it is power on, and this state will end by the reset signal. The
reset signal begins when RST changed from “0”to “1”, and end when CLK changed from “0”to“1”. The reset
signal can stop any active instruction. Read operation must be carried out first after power on reset, then the
other operations.
The reset acknowledge complies to ISO7816-3 synchronous propagation. The address counter is set to “0”
automatically and will send the first data to the I/O port. As the clock signal, the address data can be read serially.
The details refer to the figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com