Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7616 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP7616
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7616 Datasheet(HTML) 3 Page - Exar Corporation

  SP7616 Datasheet HTML 1Page - Exar Corporation SP7616 Datasheet HTML 2Page - Exar Corporation SP7616 Datasheet HTML 3Page - Exar Corporation SP7616 Datasheet HTML 4Page - Exar Corporation SP7616 Datasheet HTML 5Page - Exar Corporation SP7616 Datasheet HTML 6Page - Exar Corporation SP7616 Datasheet HTML 7Page - Exar Corporation SP7616 Datasheet HTML 8Page - Exar Corporation SP7616 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
S
SP
P7
76
61
16
6
H
Hiig
gh
h A
Ac
cc
cu
urra
ac
cy
y 4
4--C
Ch
ha
an
nn
ne
ell L
Lo
ow
w S
Siid
de
e L
LE
ED
D D
Drriiv
ve
err ffo
orr
C
CC
CF
FL
L R
Re
ep
plla
ac
ce
em
me
en
ntt
© 2009 Exar Corporation
3/11
Rev. 2.0.4
Parameter
Min.
Typ.
Max.
Units
Conditions
Turn-on time from Shutdown
100
300
μs
VMOD from 5V to 0V, RSET = 50kΩ
Turn-off time into Shutdown
20
μs
VMOD from 0V to 5V, RSET = 50kΩ
Note 1: ILED Variations from specified by RSET value at VLED changing from 0.5 to 25V
Note 2: ILED Variations from specified by RSET value at VIN changing from 4.5 to 25V
Note 3: RSET = 31.6kΩ: Dropout voltage is measured as the VLED voltage where LED current drops 5% from nominal value
BLOCK DIAGRAM
Fig. 2: SP7616 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com