Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7616 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP7616
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7616 Datasheet(HTML) 5 Page - Exar Corporation

  SP7616 Datasheet HTML 1Page - Exar Corporation SP7616 Datasheet HTML 2Page - Exar Corporation SP7616 Datasheet HTML 3Page - Exar Corporation SP7616 Datasheet HTML 4Page - Exar Corporation SP7616 Datasheet HTML 5Page - Exar Corporation SP7616 Datasheet HTML 6Page - Exar Corporation SP7616 Datasheet HTML 7Page - Exar Corporation SP7616 Datasheet HTML 8Page - Exar Corporation SP7616 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
S
SP
P7
76
61
16
6
H
Hiig
gh
h A
Ac
cc
cu
urra
ac
cy
y 4
4--C
Ch
ha
an
nn
ne
ell L
Lo
ow
w S
Siid
de
e L
LE
ED
D D
Drriiv
ve
err ffo
orr
C
CC
CF
FL
L R
Re
ep
plla
ac
ce
em
me
en
ntt
© 2009 Exar Corporation
5/11
Rev. 2.0.4
TYPICAL PERFORMANCE CHARACTERISTICS
All data taken at VIN = 8V, TJ = TA = 25°C, unless otherwise specified.
Typical Turn on Characteristics
Typical Turn Maximum Input Voltage
0
20
40
60
80
100
0
2040
6080
100
PWM Duty Cycle (%)
PWM = 100Hz
PWM = 1KHz
PWM = 5KHz
PWM Duty Cycle Linearity
PWM Response 1kHz 10% Duty Cycle
PWM Response 1kHz 90% Duty Cycle
PWM Response 1kHz 50% Duty Cycle
VIN
ILED 20mA/DIV
ILED 20mA/DIV
VIN
ILED 20mA/DIV
ILED 20mA/DIV
ILED 20mA/DIV
VLED (Cathode Voltage)
VLED (Cathode Voltage)
VLED (Cathode Voltage)
PWM Signal
PWM Signal
PWM Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com