Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3449 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC3449
Description  PROGRAMMABLE CALCULATOR WITH 10BIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3449 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC3449 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SC3449
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.19
Http: www.silan.com.cn
Page 4 of 23
(Continued)
Pin No.
Pin name
Pin description
21
TEST
Testing input (internal pull-down) , high active
29
X32I
32.768KHz crystal oscillator input
[note]
28
X32O
32.768KHz crystal oscillator output
26
ROSC
R oscillator input, connect to VDD by a resistor
37 ~ 30
PA7 ~ 0
Input/output port
38 ~ 40
24 ~ 22
20 ~ 19
COM8 ~ COM6
COM5 ~ COM3
COM2 ~ COM1
LCD common output
41 –51
53 –83
1 - 18
SEG60 ~ SEG50
SEG49 ~ SEG19
SEG18 ~SEG1
LCD segment output
[note]
Note: The 32kHz crystal oscillation of the chip is gained by Rosc frequency detaching, therefore no need to add a
32768Hz crystal oscillator outside, the pin X32I should attach to Vss, pin X32O hang in the air.
The CMOS chip has already enacted seg8
seg1 to input by reusing the keys simultaneously. That is
besides the LCD display, it can also be as input keys combining with Pa7~Pa1.
FUNCTION DESCRIPTION
1. Calculator function
1 LCD display
Screen with dual row display. See the LCD display screen sketch map on the seventh section.
The first row shows the formulas that are input by 6*5 lattice display.
The second row shows the calculating results.
The bottom shows the mark of the calculating state.
2 Calculation mode
Application
Mode name
Mode directional symbol
Calculation mode
General calculation
COMP
Standard tolerance calculation
SD
SD
Regression calculation
REG
REG
Angle unit mode
Degree
DEG
D
Radian
RAD
R
Centigrade
GRA
G
Display mode
Exponent display (cancel the decimal fraction
(FIX) and efficient digits enactment (SCI))
NORM1
NORM2
Decimal digits enactment
FIX
Fix
Efficient digits enactment
SCI
Sci



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com