Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3449 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC3449
Description  PROGRAMMABLE CALCULATOR WITH 10BIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3449 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC3449 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SC3449
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.19
Http: www.silan.com.cn
Page 5 of 23
Note:
Ÿ Calculation mode directional symbol will show at the bottom of the display screen.
Ÿ General computing (COMP), standard tolerance calculation (SD) and regression calculation (REG) can be
used together with the angle unit mode.
Ÿ You should check the actual calculation and angle mode to see whether they are according with the
requirement every time before a calculation.
3. Input limit
The storage area used to memorize the calculation program can memory 79 steps. When input the 73
rd step,
the cursor will change from “_”to ” ”. This indicates the enacted storage capacity area is not enough. And if you
need to input more things, please divide the calculation into two or more operation section.
4. Input error revising
Ÿ Use
or
to move the cursor to the place where you want to revise.
Ÿ Use DEL to remove the numbers or functions at the present cursor.
Ÿ Press SHIFT INS and the cursor will flicker “[ ]”, that is to say it has already enters the inserting state. In this
state, the input characters will insert the place where the present cursor is.
Ÿ Press
,
, SHIFT INS or
, the cursor will come back to the common state from the inserting state.
5. Recurrence function
Ÿ Press
or
to show the last calculation in the display interface, and you can amend the content of the
formulas to calculate over again.
Ÿ The content of the recurrence memory won’tbe cleared if you press the key AC. So you can also make use
of the last calculation result even you press the key AC.
Ÿ It will clear the recurrence memory every time when to begin a new calculation to change the calculation
state or shut off the power supply.
6. Error indicator
When the calculation error appears, press
or
and the cursor will stay where the error is.
7. Exponent display method
The calculator shows ten digits at most. When above ten digits, it will automatically use the exponent display
method. For decimal fraction, you can choose one from the two methods to appoint when to use the exponential
form. Press MODE MODE MODE 3 1 (or 2 ) to choose form NORM1or NORM2.
Ÿ NORM1
When use NORM1, for the integer above 10 digits or the decimal fraction digits above 2, it will adopt the
exponential form.
Ÿ NORM2
When use NORM2, for the integer above 10 digits or the decimal fraction digits above 9, it will adopt the
exponential form.
Ÿ All the examples in the instruction use NORM1 to denote the calculation result.
8. Answer memory
Every time you press the key
after you input the numerical value or formulas, the calculation result will keep
into the answer memory automatically. And press ANS to show the content in the answer memory.
Ÿ The answer memory can memory mantissa of 12 digits and exponent of 2 digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com