Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9640P Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC9640P
Description  CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (SLAVE MODE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9640P Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC9640P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SC9640P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2009.03.27
Http:// www.silan.com.cn
Page 4 of 10
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Function description
Remark
1
PULL_UP
I
-
Connect pull-up resistor
2
9258_MUTE
O
9258 mute output
When CD stops, close the 9258 driver
3
MODE_IN
ADI
2.5V~3.5V selects as SLAVE mode
4
PULL_UP
I
-
Connect pull-up resistor
5
DIODE_IN
I
Jumper selection input
6
IIC_DAT
I/O
SLAVE mode IIC data bus
7
OPEN/P0
I
The CD tray opens input pin which is low
active.
This pin is used as the jumper selecting
output at the same time.
Note: manual tray
should be connected to
the ground
8
CLOSE
I
The CD tray closes input pin which is low
active.
9
OPMTR
O
CD tray driver output.
10
CLMTR
O
CD tray driver output.
11
P1
O
This pin is used as the pick up head
selecting output at the same time.
12
IIC_CLK/P2
I
SLAVE mode IIC clock line
This pin is used as the pick up head
selecting output at the same time.
13
MVSS
-
MCU ground
14
MVDD
-
+5V
15
MRST
I
MCU reset, low level reset
16
MTEST
I
MCU test pin
Connect to the ground
17
NC
-
No connection
18
NC
-
No connection
19
NC
-
No connection
20
NC
-
No connection
21
NC
-
No connection
22
NC
-
No connection
23
NC
-
No connection
24
NC
-
No connection
25
NC
-
No connection
26
NC
-
No connection
27
NC
-
No connection
28
NC
-
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com