Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9640P Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC9640P
Description  CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (SLAVE MODE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9640P Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC9640P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9640P Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SC9640P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2009.03.27
Http:// www.silan.com.cn
Page 6 of 10
Pin No.
Pin Name
I/O
Function description
Remark
62
Vdda2
-
Analog power supply of Servo module HF
and the PLL.
63
CRIN
I
8.4672MHz input
64
CROUT
O
8.4672MHz output
FUNCTION DESCRIPTION
1. Jumper
Detail function description
Flag
Function description
Pickup selection
P1
P2
Function
0
0
SANYO DA11
0
1
SONY KSS213C、SAMSUNG B31
1
0
Jianghai GM9350H
P1(PIN11)/
P2(PIN12)
1
1
Jianghai GM9350
Auto play selection(Clock CD selection)
P3
Function
0
Stop after power on complete reading the toc
P3(PIN30)
1
Play the first music after power on complete reading the toc
Note: 1 denotes the jumper diode is connected
2. SLAVE agreement description
The agreement format is the same with IIC:
Control command format
START 55H+ACK COMMAND+ACK STOP;
State information format
START AAH+ACK DATA1+ACK+……+DATAn+ACK STOP;
Agreement description
ACK format: The host will set DATA bus high at the falling edge of CLK, and judge the state of DATA bus at the
rising edge of CLK. Then it will set DATA low if its state is high and exit if its state is low.
Data format: Sending interval of the control command is longer than 30ms; State information must be received
continuously with interval time longer than 50ms.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com