Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM02350 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM02350
Description  Wide Band GaAs MMIC Amplifier 0.2 - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM02350 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM02350 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM02350 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM02350 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM02350 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Wide Band GaAs MMIC Amplifier
0.2 - 3.0 GHz
Rev. V4
MAAM02350
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• High Gain: 19 dB Typical
• Output Power: +14 dBm Typical
• Noise Figure: 3.7 dB Typical
• RoHS* Compliant
Description
M/A-COM’s MAAM02350 is a wide band, MMIC
amplifier. It includes two integrated gain stages and
employs resistive feedback to obtain flat gain and a
good,
50
ohm
input,
a nd
output
impedance match over a very wide bandwidth. The
MAAM02350 operates from a single +6 V supply. It
is fully monolithic.
The MAAM02350 functions well as a generic IF,
driver or buffer amplifier where high gain, low noise
figure, excellent linearity and low power consumption
are important. Because of its wide bandwidth, the
MAAM02350
can
be
used
in
numerous
commercial and government system applications,
such as wireless communications, EW and radar.
The
MAAM02350
is
manufactured
in-house
using
a
reliable,
0.5-micron,
GaAs
MESFET
process. This product is 100% RF tested to ensure
compliance to performance specifications.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pad Layout
Absolute Maximum Ratings
1,2
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
3. Typical thermal resistance (
θjc) = +80°C/W.
Parameter
Absolute Maximum
VDD
+7 V
Input Power
+20 dBm
Channel Temperature
3
+150°C
Operating Temperature
-55°C to +100°C
Storage Temperature
-65°C to +150°C
Ordering Information
4,5
Part Number
Package
MAAM02350
DIE
4. Reference Application Note M538 for lead-free solder reflow
recommendations.
5. Die quantity varies.
Die Size—Inches (mm)
0.044 x 0.032 x 0.004 (1.140 x 0.820 x 0.102)
Outline Drawing


Similar Part No. - MAAM02350

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM02350 MACOM-MAAM02350 Datasheet
181Kb / 2P
Wide Band GaAs MMIC Amplifier 0.2-3.0GHz
logo
M/A-COM Technology Solu...
MAAM02350 MA-COM-MAAM02350 Datasheet
95Kb / 4P
Wide Band GaAs MMIC Amplifier
logo
Tyco Electronics
MAAM02350-A2 MACOM-MAAM02350-A2 Datasheet
150Kb / 2P
Wide Band GaAs MMIC Amplifier 0.2-3.0GHz
logo
M/A-COM Technology Solu...
MAAM02350-A2 MA-COM-MAAM02350-A2 Datasheet
110Kb / 3P
Wide Band GaAs MMIC Amplifier 0.2 - 3.0 GHz
MAAM02350-A2 MA-COM-MAAM02350-A2 Datasheet
110Kb / 3P
Wide Band GaAs MMIC Amplifier
More results

Similar Description - MAAM02350

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM02350-A2 MACOM-MAAM02350-A2 Datasheet
150Kb / 2P
Wide Band GaAs MMIC Amplifier 0.2-3.0GHz
MAAM02350 MACOM-MAAM02350 Datasheet
181Kb / 2P
Wide Band GaAs MMIC Amplifier 0.2-3.0GHz
MAAM28000-A1 MACOM-MAAM28000-A1 Datasheet
126Kb / 2P
Wide Band GaAs MMIC Amplifier 2-8 GHz
logo
M/A-COM Technology Solu...
MAAM02350-A2 MA-COM-MAAM02350-A2 Datasheet
110Kb / 3P
Wide Band GaAs MMIC Amplifier 0.2 - 3.0 GHz
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
Wide Band GaAs MMIC Amplifier
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
Wide Band GaAs MMIC Amplifier
MAAM02350 MA-COM-MAAM02350_15 Datasheet
624Kb / 5P
Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000_16 Datasheet
940Kb / 5P
Wide Band GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com