Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM02350 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM02350
Description  Wide Band GaAs MMIC Amplifier 0.2 - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM02350 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAM02350 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM02350 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM02350 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM02350 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Wide Band GaAs MMIC Amplifier
0.2 - 3.0 GHz
Rev. V4
MAAM02350
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling
Permanent damage to the MAAM02350 may occur
if the following precautions are not adhered to:
A. Cleanliness - The MAAM02350 should be
handled in a clean environment.
Do not
attempt
to
clean
assembly
after
the
MAAM02350 is installed.
B. Static Sensitivity - All die handling equipment
and personnel should comply with DOD-STD-
1686 Class 1.
C. Transients - Avoid instrument and power
supply transients while bias is connected to the
MAAM02350.
Use shielded signal and bias
cables to minimize inductive pick-up.
D. General Handling - DO NOT touch the surface
of the die.
It is recommended that the
MAAM02350 die be handled along the long
side with a sharp pair of tweezers.
Mounting
The MAAM02350 is back-metallized with Pd/Ni/Au
(100/1,000/30,000Å) metallization.
It can be die-
mounted using Au/Sn eutectic performs or a
thermally and electrically conductive epoxy.
The
attachment surface should be clean and flat.
Eutectic Die Attach:
A. An 80/20 Au/Sn perform is recommended with
a work surface temperature of approximately
225°C and a tool temperature of 265°C. When
hot 95/5 nitrogen/hydrogen gas is applied,
solder temperature should be approximately
290°C.
B. DO
NOT
expose
the
MAAM02350
to
a
temperature greater than 320°C for more than
20 seconds.
No more than 3 seconds of
scrubbing should be required for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place
the MAAM02350 into position.
A thin epoxy
fillet should be visible around the perimeter of
the die.
B. Cure epoxy per manufacturer’s recommended
schedule.
Bonding
A. Ball or wedge bond with 1.0 mil diameter gold
wire or 3.0 mil x 0.5 mil ribbon. Thermosonic
bonding with a nominal stage temperature of
150°C and a ball bonding force of 40 to 50
grams or wedge bonding force of 18 to 22
grams is recommended. Ultrasonic energy and
time should be adjusted to the minimum levels
necessary to achieve reliable bonds.
B. Bonds should be started on the die and
terminated on the package. RF bonds should
be as short as possible; at least three and no
more than four bond wires from ground pads to
package are recommended.
C. Bonding pads are 4.0 x 4.0 mils.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com