Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4FCP200 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4FCP200
Description  Flip Chip PIN Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4FCP200 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4FCP200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4FCP200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4FCP200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4FCP200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4FCP200 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4FCP200 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MA4FCP200
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Flip Chip PIN Diode
Rev. V3
Specifications Subject to Change Without Notice.
Electrical Specifications @ TAMB +25°C
1. Total capacitance is equivalent to the sum of junction capacitance, Cj, plus the die parasitic capacitance, Cp.
2. The series resistance, RS, is equal to the total diode resistance which also includes the resistance of the
junction, Rj.
3. Rs and Cp measured on an HP4291A with die mounted in an ODS-186 package.
4. Steady-state Thermal Resistance measured with die mounted in an ODS-186 package.
ESD
These devices very susceptible to ESD and are rated Class 0 (0-199V) per HBM MIL-STD-883, method 3015.7
[C = 100pF ±10%, R = 1.5kW ±1%]. Even though tested die pass 100V ESD, they must be handled in a
static-free environment.
Parameters @ Conditions
Symbol
Units
Min.
Typ.
Max.
Total Capacitance @ -40V, 1MHz1
CT
pF
——
0.025
0.030
Total Capacitance @ -40V, 1GHz1,3
CT
pF
——
0.020
——
Series Resistance @ +50mA2,3, 100MHz
RS
Ω
——
2.4
3.0
Series Resistance @ +50mA2,3, 1GHz
RS
Ω
——
2.8
——
Forward Voltage @ +100mA
VF
V
——
1.25
1.5
Reverse Voltage @ -10μA
VR
V
50
——
——
Reverse Current @ -50V
IR
μA
——
——
10
Lifetime @ IF = +10mA / IREV = -6mA
TL
nS
——
100
——
Steady State Thermal Resistance4
θ
°C/W
——
900
——
186



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com