Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4FCP200 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4FCP200
Description  Flip Chip PIN Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4FCP200 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4FCP200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4FCP200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4FCP200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4FCP200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4FCP200 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4FCP200 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MA4FCP200
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Flip Chip PIN Diode
Rev. V3
MA4FCP200 Rs vs I
1.0
10.0
100.0
1000.0
0.01
0.10
1.00
10.00
100.00
I ( mA )
Rs_50 MHz
Rs_100 MHz
Rs_500 MHz
Typical Performance @ TAMB +25°C
0
1
2
3
4
5
0
200
400
600
800
1000
F ( MHz )
10mA
50mA
100mA
MA4FCP200 Rs vs Frequency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com