Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75R12IB Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 2 Page - Exar Corporation

  XRT75R12IB Datasheet HTML 1Page - Exar Corporation XRT75R12IB Datasheet HTML 2Page - Exar Corporation XRT75R12IB Datasheet HTML 3Page - Exar Corporation XRT75R12IB Datasheet HTML 4Page - Exar Corporation XRT75R12IB Datasheet HTML 5Page - Exar Corporation XRT75R12IB Datasheet HTML 6Page - Exar Corporation XRT75R12IB Datasheet HTML 7Page - Exar Corporation XRT75R12IB Datasheet HTML 8Page - Exar Corporation XRT75R12IB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
XRT75R12
2
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
FEATURES
RECEIVER
• R3
Technology
(Reconfigurable,
Relayless
Redundancy)
• On chip Clock and Data Recovery circuit for high
input jitter tolerance
• Meets E3/DS3/STS-1 Jitter Tolerance Requirement
• Detects and Clears LOS as per G.775
• Receiver Monitor mode handles up to 20 dB flat
loss with 6 dB cable attenuation
• On chip B3ZS/HDB3 encoder and decoder that can
be either enabled or disabled
• On-chip clock synthesizer provides the appropriate
rate clock from a single 12.288 MHz Clock
• Provides low jitter output clock
TRANSMITTER
• R3
Technology
(Reconfigurable,
Relayless
Redundancy)
• Compliant with Bellcore GR-499, GR-253 and ANSI
T1.102 Specification for transmit pulse
• Tri-state Transmit output capability for redundancy
applications
• Each Transmitter can be independently turned on
or off
• Transmitters provide Voltage Output Drive
JITTER ATTENUATOR
• On chip advanced crystal-less Jitter Attenuator for
each channel
• Jitter Attenuator can be selected in Receive,
Transmit path, or disabled
• Meets ETSI TBR 24 Jitter Transfer Requirements
• Compliant with jitter transfer template outlined in
ITU G.751, G.752, G.755 and GR-499-CORE,1995
standards
• 16 or 32 bits selectable FIFO size
CONTROL AND DIAGNOSTICS
• Parallel Microprocessor Interface for control and
configuration
• Supports optional internal Transmit driver
monitoring
• Each channel supports Analog, Remote and Digital
Loop-backs
• Single 3.3 V ± 5% power supply
• 5 V Tolerant digital inputs
• Available in 420 pin TBGA Thermally enhanced
Package
• - 40°C to 85°C Industrial Temperature Range
TRANSMIT INTERFACE CHARACTERISTICS
• Accepts either Single-Rail or Dual-Rail data from
Terminal Equipment and generates a bipolar signal
to the line
• Integrated Pulse Shaping Circuit
• Built-in B3ZS/HDB3 Encoder (which can be
disabled)
• Accepts Transmit Clock with duty cycle of 30%-
70%
• Generates pulses that comply with the ITU-T G.703
pulse template for E3 applications
• Generates pulses that comply with the DSX-3 pulse
template, as specified in Bellcore GR-499-CORE
and ANSI T1.102_1993
• Generates pulses that comply with the STSX-1
pulse template, as specified in Bellcore GR-253-
CORE
• Transmitter can be turned off in order to support
redundancy designs
RECEIVE INTERFACE CHARACTERISTICS
• Integrated Adaptive Receive Equalization (optional)
for optimal Clock and Data Recovery
• Declares and Clears the LOS defect per ITU-T
G.775 requirements for E3 and DS3 applications
• Meets Jitter Tolerance Requirements, as specified
in ITU-T G.823_1993 for E3 Applications
• Meets Jitter Tolerance Requirements, as specified
in Bellcore GR-499-CORE for DS3 Applications
• Declares Loss of Lock (LOL) Alarm
• Built-in B3ZS/HDB3 Decoder (which can be
disabled)
• Recovered Data can be muted while the LOS
Condition is declared
• Outputs either Single-Rail or Dual-Rail data to the
Terminal Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com